Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7052 Datasheet(PDF) 565 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 565 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 561Page - Renesas Technology Corp SH7052 Datasheet HTML 562Page - Renesas Technology Corp SH7052 Datasheet HTML 563Page - Renesas Technology Corp SH7052 Datasheet HTML 564Page - Renesas Technology Corp SH7052 Datasheet HTML 565Page - Renesas Technology Corp SH7052 Datasheet HTML 566Page - Renesas Technology Corp SH7052 Datasheet HTML 567Page - Renesas Technology Corp SH7052 Datasheet HTML 568Page - Renesas Technology Corp SH7052 Datasheet HTML 569Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 565 / 919 page
background image
539
1. Transmission order determined by mailbox number priority
2. Transmission order determined by message identifier priority
When the mailbox number priority method is selected, if a number of messages are designated as
waiting for transmission (TXPR = 1), messages are stored in the transmit buffer in low-to-high
mailbox order (priority order: mailbox 1 > 15). CAN bus arbitration is then carried out for the
messages in the transmit buffer, and message transmission is performed when the bus is acquired.
When the message identifier priority method is selected, if a number of messages are designated as
waiting for transmission (TXPR = 1), the message with the highest priority set in the message
identifier (MCx[5] to MCx[8]) is stored in the transmit buffer. CAN bus arbitration is then carried
out for the message in the transmit buffer, and message transmission is performed when the
transmission right is acquired. When the TXPR bit is set, internal arbitration is performed again,
and the highest-priority message is found and stored in the transmit buffer.
15.3.3
Transmit Mode
Message transmission is performed using mailboxes 1 to 15. The transmission procedure is
described below, and a transmission flowchart is shown in figure 15.7.
1. Initialization (after hardware reset only)
a. Clearing of IRR0 bit in interrupt register (IRR)
b. HCAN pin port settings
c. Bit rate settings
d. Mailbox transmit/receive settings
e. Mailbox initialization
f.
Message transmission method setting
2. Interrupt and transmit data settings
a. Interrupt setting
b. Arbitration field setting
c. Control field setting
d. Data field setting
3. Message transmission and interrupts
a. Message transmission wait
b. Message transmission completion and interrupt
c. Message transmission abort
d. Message retransmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com