Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7052 Datasheet(PDF) 705 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 705 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 701Page - Renesas Technology Corp SH7052 Datasheet HTML 702Page - Renesas Technology Corp SH7052 Datasheet HTML 703Page - Renesas Technology Corp SH7052 Datasheet HTML 704Page - Renesas Technology Corp SH7052 Datasheet HTML 705Page - Renesas Technology Corp SH7052 Datasheet HTML 706Page - Renesas Technology Corp SH7052 Datasheet HTML 707Page - Renesas Technology Corp SH7052 Datasheet HTML 708Page - Renesas Technology Corp SH7052 Datasheet HTML 709Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 705 / 919 page
background image
679
19.9.1
Register Configuration
The port H register configuration is shown in table 19.15.
Table 19.15 Register Configuration
Name
Abbreviation
R/W
Initial Value
Address
Access Size
Port H data register
PHDR
R/W
H'0000
H'FFFFF72C
8, 16
Note:
A register access is performed in four or five cycles regardless of the access size.
19.9.2
Port H Data Register (PHDR)
Bit:
15
14
13
12
11
10
9
8
PH15
DR
PH14
DR
PH13
DR
PH12
DR
PH11
DR
PH10
DR
PH9
DR
PH8
DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PH7
DR
PH6
DR
PH5
DR
PH4
DR
PH3
DR
PH2
DR
PH1
DR
PH0
DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The port H data register (PHDR) is a 16-bit readable/writable register that stores port H data. Bits
PH15DR to PH0DR correspond to pins PH15/D15 to PH0/D0.
When a pin functions as a general output, if a value is written to PHDR, that value is output
directly from the pin, and if PHDR is read, the register value is returned directly regardless of the
pin state. When the
POD pin is driven low, general outputs go to the high-impedance state
regardless of the PHDR value. When the
POD pin is driven high, the written value is output from
the pin.
When a pin functions as a general input, if PHDR is read the pin state, not the register value, is
returned directly. If a value is written to PHDR, although that value is written into PHDR it does
not affect the pin state. Table 19.16 summarizes port H data register read/write operations.
PHDR is initialized to H'0000 by a power-on reset (excluding a WDT power-on reset), and in
hardware standby mode. It is not initialized in software standby mode or sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com