Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7052 Datasheet(PDF) 726 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 726 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 722Page - Renesas Technology Corp SH7052 Datasheet HTML 723Page - Renesas Technology Corp SH7052 Datasheet HTML 724Page - Renesas Technology Corp SH7052 Datasheet HTML 725Page - Renesas Technology Corp SH7052 Datasheet HTML 726Page - Renesas Technology Corp SH7052 Datasheet HTML 727Page - Renesas Technology Corp SH7052 Datasheet HTML 728Page - Renesas Technology Corp SH7052 Datasheet HTML 729Page - Renesas Technology Corp SH7052 Datasheet HTML 730Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 726 / 919 page
background image
700
block can be erased. Other blocks are erase-protected. Only one of the bits of EBR1 and EBR2
combined can be set. Do not set more than one bit. (Do not set more than one bit, as this will
automatically clear both EBR1 and EBR2 to 0.) When on-chip flash memory is disabled, a read
will return H'00, and writes are invalid.
The flash memory block configuration is shown in table 20.5.
Bit:
7
6
5
4
3
2
1
0


EB11
EB10
EB9
EB8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R/W
R/W
R/W
R/W
Table 20.4
Flash Memory Erase Blocks
Block (Size)
Addresses
EB0 (4 kB)
H'000000 to H'000FFF
EB1 (4 kB)
H'001000 to H'001FFF
EB2 (4 kB)
H'002000 to H'002FFF
EB3 (4 kB)
H'003000 to H'003FFF
EB4 (4 kB)
H'004000 to H'004FFF
EB5 (4 kB)
H'005000 to H'005FFF
EB6 (4 kB)
H'006000 to H'006FFF
EB7 (4 kB)
H'007000 to H'007FFF
EB8 (32 kB)
H'008000 to H'00FFFF
EB9 (64 kB)
H'010000 to H'01FFFF
EB10 (64 kB)
H'020000 to H'02FFFF
EB11 (64 kB)
H'030000 to H'03FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com