Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7052 Datasheet(PDF) 776 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 776 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 772Page - Renesas Technology Corp SH7052 Datasheet HTML 773Page - Renesas Technology Corp SH7052 Datasheet HTML 774Page - Renesas Technology Corp SH7052 Datasheet HTML 775Page - Renesas Technology Corp SH7052 Datasheet HTML 776Page - Renesas Technology Corp SH7052 Datasheet HTML 777Page - Renesas Technology Corp SH7052 Datasheet HTML 778Page - Renesas Technology Corp SH7052 Datasheet HTML 779Page - Renesas Technology Corp SH7052 Datasheet HTML 780Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 776 / 919 page
background image
750
blocks are erase-protected. Only one of the bits of EBR1 and EBR2 combined can be set. Do not
set more than one bit. (Do not set more than one bit, as this will automatically clear both EBR1
and EBR2 to 0.) When on-chip flash memory is disabled, a read will return H'00, and writes are
invalid.
The flash memory block configuration is shown in table 21.5.
Bit:
7
6
5
4
3
2
1
0

EB13
EB12
EB11
EB10
EB9
EB8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Table 21.4
Flash Memory Erase Blocks
Block (Size)
Addresses
EB0 (4 kB)
H'000000 to H'000FFF
EB1 (4 kB)
H'001000 to H'001FFF
EB2 (4 kB)
H'002000 to H'002FFF
EB3 (4 kB)
H'003000 to H'003FFF
EB4 (4 kB)
H'004000 to H'004FFF
EB5 (4 kB)
H'005000 to H'005FFF
EB6 (4 kB)
H'006000 to H'006FFF
EB7 (4 kB)
H'007000 to H'007FFF
EB8 (32 kB)
H'008000 to H'00FFFF
EB9 (64 kB)
H'010000 to H'01FFFF
EB10 (64 kB)
H'020000 to H'02FFFF
EB11 (64 kB)
H'030000 to H'03FFFF
EB12 (64 kB)
H'040000 to H'04FFFF
EB13 (64 kB)
H'050000 to H'05FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com