Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7055S Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SH7055S
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  1002 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7055S Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SH7055S Datasheet HTML 9Page - Renesas Technology Corp SH7055S Datasheet HTML 10Page - Renesas Technology Corp SH7055S Datasheet HTML 11Page - Renesas Technology Corp SH7055S Datasheet HTML 12Page - Renesas Technology Corp SH7055S Datasheet HTML 13Page - Renesas Technology Corp SH7055S Datasheet HTML 14Page - Renesas Technology Corp SH7055S Datasheet HTML 15Page - Renesas Technology Corp SH7055S Datasheet HTML 16Page - Renesas Technology Corp SH7055S Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 1002 page
background image
Rev.2.0, 07/03, page xiii of xxxviii
Item
Page Revisions (See Manual for Details)
22.1 Features
• Programming/erasing time
• Number of programming
736
Description amended
• Programming/erasing time
The flash memory programming time is t
P ms (typ) in
128-byte simultaneous programming and t
P/128ms per
byte. The erasing time is t
E s (typ) per block.
• Number of programming
The number of flash memory programming can be up
to N
WEC times.
22.4.3 Programming/Erasing
Interface Parameters
(2) Programming/Erasing
Initialization
758
Description added
Line 13
The general registers R8 to R15 are stored. The general
registers R0 to R7 can be used without being stored.
22.5.3
User Boot Mode
(1) User Boot Mode Initiation
782
Description added
Line 3
When the reset start is executed in user boot mode, the
check routine for flash-memory related registers runs.
While the check routine is running, the RAM area about
1.2 kbytes from H'FFFF6800 is used by the routine and 4
bytes from H'FFFFDFFC is used as a stack area. NMI
and all other interrupts cannot be accepted. Neither can
the AUD be used in this period. This period is
approximately 100
µs while operating at an internal
frequency of 40 MHz.
22.7
Flash Memory Emulation
in RAM
791
Note: Description added
Note: Setting the RAMS bit to 1 puts all the blocks in flash
memory in the programming/erasing-protected
state regardless of the values of the RAM2 to
RAM0 bits (emulation protection). Clear the RAMS
bit to 0 before actual programming or erasure.
RAM emulation can be performed when the user
boot MAT is selected. However,
programming/erasing user boot MAT can be
performed only in boot mode or program mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com