Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F21322ADSP Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # R5F21322ADSP
Description  MCU M16C FAMILY / R8C/Tiny SERIES
PDF  603 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21322ADSP Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button R5F21322ADSP Datasheet HTML 65Page - Renesas Technology Corp R5F21322ADSP Datasheet HTML 66Page - Renesas Technology Corp R5F21322ADSP Datasheet HTML 67Page - Renesas Technology Corp R5F21322ADSP Datasheet HTML 68Page - Renesas Technology Corp R5F21322ADSP Datasheet HTML 69Page - Renesas Technology Corp R5F21322ADSP Datasheet HTML 70Page - Renesas Technology Corp R5F21322ADSP Datasheet HTML 71Page - Renesas Technology Corp R5F21322ADSP Datasheet HTML 72Page - Renesas Technology Corp R5F21322ADSP Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 603 page
background image
R8C/32A Group
6. Voltage Detection Circuit
REJ09B0458-0010 Rev.0.10
Apr 01, 2008
Page 41 of 572
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
6.2
Registers
6.2.1
Voltage Monitor Circuit/Comparator A Control Register (CMPA)
Address 0030h
Bit
b7b6b5b4
b3b2
b1
b0
Symbol COMPSEL
—
IRQ2SEL
IRQ1SEL
CM2OE
CM1OE
CM2POR
CM1POR
After Reset
0
0
000000
Bit
Symbol
Bit Name
Function
R/W
b0
CM1POR
LVCOUT1 output polarity
select bit
0: Non-inverted comparator A1 comparison result is
output to LVCOUT1.
1: Inverted comparator A1 comparison result is
output to LVCOUT1.
R/W
b1
CM2POR
LVCOUT2 output polarity
select bit
0: Non-inverted Comparator A2 comparison result is
output to LVCOUT2.
1: Inverted comparator A2 comparison result is
output to LVCOUT2.
R/W
b2
CM1OE
LVCOUT1 output enable bit
0: Output disabled
1: Output enabled
R/W
b3
CM2OE
LVCOUT2 output enable bit
0: Output disabled
1: Output enabled
R/W
b4
IRQ1SEL
Voltage monitor 1/comparator A1
interrupt type select bit
0: Non-maskable interrupt
1: Maskable interrupt
R/W
b5
IRQ2SEL
Voltage monitor 2/comparator A2
interrupt type select bit
0: Non-maskable interrupt
1: Maskable interrupt
R/W
b6
—
Reserved bit
Set to 0.
R/W
b7
COMPSEL Voltage monitor/comparator A
interrupt type selection enable bit
0: Bits IRQ1SEL and IRQ2SEL disabled
1: Bits IRQ1SEL and IRQ2SEL enabled
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com