Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M16C/62 Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 119Page - Renesas Technology Corp M16C/62 Datasheet HTML 120Page - Renesas Technology Corp M16C/62 Datasheet HTML 121Page - Renesas Technology Corp M16C/62 Datasheet HTML 122Page - Renesas Technology Corp M16C/62 Datasheet HTML 123Page - Renesas Technology Corp M16C/62 Datasheet HTML 124Page - Renesas Technology Corp M16C/62 Datasheet HTML 125Page - Renesas Technology Corp M16C/62 Datasheet HTML 126Page - Renesas Technology Corp M16C/62 Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timers’ functions for three-phase motor control
1-104
Figure 1.15.7. Timing chart of operation (2)
Timer A4 output
Trigger signal for
timer Ai start
(timer B2 overflow
signal)
Timer B2
U phase
Dead time
Carrier wave
Signal wave
Rewriting timer A4 every timer B2 interrupt occurs.
U phase
output signal
m
nn
mp
o
Note: Set to triangular wave modulation mode and to three-phase mode 0.
m
U phase
U phase
output signal
Timer B2 interrupt occurs.
Rewriting three-phase buffer register.
Assigning certain values to DU0 (bit 0 at 034A16) and DUB0 (bit 1 at 034A16), and to DU1 (bit 0 at 034B16)
and DUB1 (bit 1 at 034B16) allows the user to output the waveforms as shown in Figure 1.15.7, that is, to
___
___
output the U phase alone, to fix U phase to “H”, to fix the U phase to “H,” or to output the U phase alone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com