| Electronic Components Datasheet Search |
|
M16C/62 Datasheet(PDF) 393 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 Datasheet(HTML) 393 Page - Renesas Technology Corp |
|
393 / 621 page ![]() SI/O3, 4 Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 378 Figure 2.6.1. Memory map of serial I/O3, 4-related registers 2.6.1 Overview SI/O3, 4 carries out 8-bit data communications in synchronization with the clock. The following is an overview of the SI/O3, 4. (1) Transmission/reception format 8-bit data (2) Transfer rate If the internal clock is selected as the transfer clock, the divide-by-2 frequency, resulting from the bit rate generator division, becomes the transfer rate. The bit rate generator count source can be se- lected from the following: f1, f8, and f32. Clocks f1, f8, and f32 are derived by dividing the CPU’s main clock by 1, 8, and 32 respectively. Furthermore, if an external clock is selected as the transfer clock, the clock frequency input to the CLK pin becomes the transfer rate. (3) Function selection For SI/O3, 4, the following functions can be selected: (a) Function for choosing which bit to transmit first This function is to choose whether to transmit data from bit 0 or from bit 7. Choose either of the following: • LSB first Data is transmitted from bit 0. • MSB first Data is transmitted from bit 7. (b) Choosing output level when not transferring • Internal clock High-impedance output. • External clock "H" or "L" output level is selected. (6) Input to the serial I/O and the direction register To input an external signal to the serial I/O, set the direction register of the relevant port to input. (7) Pins related to the SI/O3, 4 • CLK3, CLK4 pins Input/output pins for the transfer clock • SIN3, SIN4 pins Input pins for data • SOUT3, SOUT4 pins Output pins for data (8) Registers related to the SI/O3, 4 Figure 2.6.1 shows the memory map of SI/O3, 4-related registers, and Figures 2.6.2 show SI/O3, 4- related registers. 2.6 SI/O3, 4 004816 004916 SI/O4 interrupt control register (S4IC) SI/O3 interrupt control register (S3IC) SI/O3 transmit/receive register (S3TRR) 036016 036116 036216 036316 036416 036516 036616 036716 SI/O3 transmit/receive control register (S3C) SI/O3 bit rate generator (S3BRG) SI/O4 transmit/receive register (S4TRR) SI/O4 control register (S4C) SI/O4 bit rate generator (S4BRG) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |