| Electronic Components Datasheet Search |
|
M16C/62 Datasheet(PDF) 396 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62 Datasheet(HTML) 396 Page - Renesas Technology Corp |
|
396 / 621 page ![]() SI/O3, 4 Mitsubishi microcomputers M16C / 62 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 381 Figure 2.6.4. Set-up procedure of transmission in SI/O3, 4 mode Setting SI/Oi transmit/receive control register (i=3, 4) SI/Oi transmit/receive control register (i=3,4) [Address 036216, 036616] SiC(i=3,4) Synchronous clock select bit 1 : Internal clock b7 b0 0 Internal synchronous clock select bit 0 0 : f1 is selected 0 1 : f8 is selected 1 0 : f32 is selected 1 1 : Inhibited b1 b0 SOUTi output disable bit 0 : SOUTi output SI/Oi port select bit 1 : SOUTi output, CLK function Transfer format select bit 0 : LSB first Note 1: Be sure to set the protect register and SI/Oi control register successively. Clearing the protect (set to write-enabled state) Protect register [Address 000A16] PRCR Enables writing to system clock control registers 0 and 1 (addresses 000616 and 000716 ) 0 : Write-inhibited 1 : Write-enabled Enables writing to port P9 direction register (address 03F316) and SI/Oi control register (i=3,4) (addresses 036216 and 036616) 1 : Write-enabled b7 b0 1 1 0 1 SOUTi initial value set bit(Effective when SMi3=0) 0 : L output 1 : H output Setting SI/Oi bit rate generator (i = 3, 4) SI/Oi bit rate generator (i = 3, 4) [Address 036316, 036716] SiBRG (i = 3, 4) Can be set to 0016 to FF16 (Note 2) b7 b0 Note 2: Write to SI/Oi bit rate generator when transmission/reception is halted. Writing transmit data SI/Oi transmit/receive register (i=3, 4) [Address 036016, 036416] SiTRR (i=3, 4) Setting transmission data (Note 3) b7 b0 Note 3: Write to SI/Oi transmit/receive register when transmission/reception is halted. SI/Oi interrupt request bit Reading Receive data SI/Oi transmit/receive register (i=3, 4) [Address 036016, 036416] SiTRR (i=3, 4) Receive data b7 b0 Transfer the next data Wait for a 1/2 transfer clock period 0 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |