Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

32171 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 32171
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  772 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32171 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 32171 Datasheet HTML 35Page - Renesas Technology Corp 32171 Datasheet HTML 36Page - Renesas Technology Corp 32171 Datasheet HTML 37Page - Renesas Technology Corp 32171 Datasheet HTML 38Page - Renesas Technology Corp 32171 Datasheet HTML 39Page - Renesas Technology Corp 32171 Datasheet HTML 40Page - Renesas Technology Corp 32171 Datasheet HTML 41Page - Renesas Technology Corp 32171 Datasheet HTML 42Page - Renesas Technology Corp 32171 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 772 page
background image
1
1-13
32171 Group User's Manual (Rev.2.00)
Table 1.3.1 Description of the 32171 Pin Function (2/5)
Type
Pin Name Signal Name
Input/Output Function
Data
DB0-DB15 Data bus
Input/output These pins comprise 16-bit data bus to connect external devices. In write
bus
cycles, the valid byte positions to be written on the 16-bit data bus are
________ _______
________ _______
output as BHW/BHE and BLW/BLE. In read cycles, data is always read
from the 16-bit data bus. However, when transferring to the internal circuit
of the M32R, only data at the valid byte positions are transferred.
Bus
___
CS0,
Chip select
Output
These pins comprise external device chip select signal. For
control
___
CS1
areas for which a chip select signal is output, refer to
Chapter 3, "Address Space."
__
RD
Read
Output
This signal is output when reading an external device.
___ ___
BHW/BHE Byte high
Output
Indicates the byte position to which valid data is transferred
write/enable
___ ___
when writing to an external device. BHW/BHE corresponds
___ ___
BLW/BLE
Byte low
Output
___ ___
to the upper address (D0-D7 is valid); BLW/BLE
write/enable
corresponds to the lower address (D8-D15 is valid).
____
WAIT
Wait
Input
When the M32R accesses an external device, a low on this
____
WAIT input extends the wait cycle.
_____
HREQ
Hold request
Input
This pin is used by an external device to request control of
__________
the external bus. A low on this HREQ input causes the
M32R to enter a hold state.
__________
HACK
Hold
Output
This signal is used to notify that the M32R has entered a
acknowledge
hold state and relinquished control of the external bus.
Timer input
Input
Input pins for multijunction timer.
TO 0– TO 20 Timer output
Output
Output pins for the multijunction timer.
TCLK 0– TCLK 3 Timer clock
Input
Clock input pins for the multijunction timer.
A-D
AVCC0
Analog power supply
—
AVCC0 is the power supply for the A-D0 converter.
converter
Connect AVCC0 to the power supply rail (5 V or 3.3 V).
AVSS0
Analog ground
—
AVSS0 is analog ground for the A-D0 converter.
Connect AVSS0 to the ground.
OVERVIEW
1.3 Pin Function
Multi-
junction
timer
TIN 0,TIN 3
TIN 16–TIN 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com