Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7220 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 204Page - Renesas Technology Corp 7220 Datasheet HTML 205Page - Renesas Technology Corp 7220 Datasheet HTML 206Page - Renesas Technology Corp 7220 Datasheet HTML 207Page - Renesas Technology Corp 7220 Datasheet HTML 208Page - Renesas Technology Corp 7220 Datasheet HTML 209Page - Renesas Technology Corp 7220 Datasheet HTML 210Page - Renesas Technology Corp 7220 Datasheet HTML 211Page - Renesas Technology Corp 7220 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 303 page
background image
APPLICATION
5.5 Example of I2C-BUS control by software (M37220M3-XXXSP/FP)
7220 Group User’s Manual
5-35
(6)
Data setting when changing AFT (auto fine
tuning) state
To change the state of auto fine tuning at
presetting CH and ordinary tuning, the bit is
set as shown in Table 5.5.5.
(7)
Data setting when changing audio mute
state
When the audio mute key is input, the bit is
set as shown in Table 5.5.6. If it is necessary
to delete the sound while tuning with the tuning
key input or presetting CH, the bit is set as
shown in Table 5.5.6.
(8)
Data setting when changing video mute
state
When muting the video on screen while tuning
with the tuning key input, the bit is set as
shown in Table 5.5.7.
(9)
Data setting when adjusting white
balance
When adjusting the TV picture in the factory,
set the data shown in Table 5.5.8 to ready
the service mode for adjusting the white color.
Table 5.5.5 Data setting when changing AFT state
Sub-address
0416
Bit
D6
Data
DEFEAT
Table 5.5.6 Data setting when changing audio mute
state
Sub-address
0116
Bit
D6
Data
A MUTE
Table 5.5.7 Data setting when changing video mute
state
Sub-address
0B16
Bit
D6
Data
MUTE
Table 5.5.8 Data setting when adjusting white color
balance
Sub-address
1316
Bit
D3
Data
SERSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com