| Electronic Components Datasheet Search |
|
H83062 Datasheet(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H83062 Datasheet(HTML) 39 Page - Renesas Technology Corp |
|
39 / 1021 page ![]() Rev. 6.00 Mar 18, 2005 page xxxix of xlviii Figure C.9 (f) Port 9 Block Diagram (Pin P95)........................................................................... 939 Figure C.10 (a) Port A Block Diagram (Pins PA0 and PA1) ....................................................... 940 Figure C.10 (b) Port A Block Diagram (Pins PA2 and PA3) ....................................................... 941 Figure C.10 (c) Port A Block Diagram (Pins PA4 to PA7).......................................................... 942 Figure C.11 (a) Port B Block Diagram (Pins PB0 and PB2)........................................................ 943 Figure C.11 (b) Port B Block Diagram (Pins PB1 and PB3)........................................................ 944 Figure C.11 (c) Port B Block Diagram (Pin PB4) ....................................................................... 945 Figure C.11 (d) Port B Block Diagram (Pin PB5) ....................................................................... 946 Figure C.11 (e) Port B Block Diagram (Pin PB6) ....................................................................... 947 Figure C.11 (f) Port B Block Diagram (Pin PB7) ....................................................................... 948 Appendix D Pin States Figure D.1 Reset during Memory Access (Modes 1 and 2)................................................... 954 Figure D.2 Reset during Memory Access (Modes 3 and 4)................................................... 955 Figure D.3 Reset during Memory Access (Mode 5) .............................................................. 956 Figure D.4 Reset during Operation (Modes 6 and 7) ............................................................. 957 Appendix G Package Dimensions Figure G.1 Package Dimensions (FP-100B) .......................................................................... 961 Figure G.2 Package Dimensions (TFP-100B) ....................................................................... 962 Figure G.3 Package Dimensions (FP-100A).......................................................................... 963 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |