Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K07FD Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # M38K07FD
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K07FD Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button M38K07FD Datasheet HTML 13Page - Renesas Technology Corp M38K07FD Datasheet HTML 14Page - Renesas Technology Corp M38K07FD Datasheet HTML 15Page - Renesas Technology Corp M38K07FD Datasheet HTML 16Page - Renesas Technology Corp M38K07FD Datasheet HTML 17Page - Renesas Technology Corp M38K07FD Datasheet HTML 18Page - Renesas Technology Corp M38K07FD Datasheet HTML 19Page - Renesas Technology Corp M38K07FD Datasheet HTML 20Page - Renesas Technology Corp M38K07FD Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 328 page
background image
Rev.2.00
Oct 05, 2006
page 13 of 13
38K0 Group
REJ09B0337-0200
CHAPTER 3 APPENDIX
Table 3.1.1 Absolute maximum ratings .......................................................................................... 2
Table 3.1.2 Recommended operating conditions (Vcc = 3.00 to 5.25 V, Vss = 0 V, Ta = –20
to 85°C, unless otherwise noted) ............................................................................ 3
Table 3.1.3 Recommended operating conditions (Vcc = 3.00 to 5.25 V, Vss = 0 V, Ta = –20
to 85°C, unless otherwise noted) ............................................................................ 4
Table 3.1.4 Electrical characteristics (1) (Vcc = 3.00 to 5.25 V, Vss = 0 V, Ta = –20 to 85°C,
unless otherwise noted) ............................................................................................ 5
Table 3.1.5 Electrical characteristics (2) (Vcc = 3.00 to 5.25 V, Vss = 0 V, Ta = –20 to 85°C,
unless otherwise noted) ............................................................................................ 6
Table 3.1.6 AD Converter characteristics (VCC = 3.00 to 5.25 V, VSS = 0 V, Ta = –20 to 85°C,
unless otherwise noted) ............................................................................................ 7
Table 3.1.7 Timing requirements (1) (VCC = 4.00 to 5.25 V, VSS = 0 V, Ta = –20 to 85 °C, unless
otherwise noted) ......................................................................................................... 8
Table 3.1.8 Timing requirements (2) (VCC = 3.00 to 4.00 V, VSS = 0 V, Ta = –20 to 85 °C, unless
otherwise noted) ......................................................................................................... 8
Table 3.1.9 Timing requirements of external bus interface (EXB) (1) (VCC = 4.00 to 5.25 V, VSS
= 0 V, Ta = –20 to 85 °C, unless otherwise noted) ............................................ 9
Table 3.1.10 Timing requirements of external bus interface (EXB) (2) (VCC = 3.00 to 4.00 V, VSS
= 0 V, Ta = –20 to 85 °C, unless otherwise noted) .......................................... 10
Table 3.1.11 Switching characteristics (1) (VCC = 4.00 to 5.25 V, VSS = 0 V, Ta = –20 to 85 °C,
unless otherwise noted) .......................................................................................... 11
Table 3.1.12 Switching characteristics (2) (VCC = 3.00 to 4.00 V, VSS = 0 V, Ta = –20 to 85 °C,
unless otherwise noted) .......................................................................................... 11
Table 3.1.13 Switching characteristics of external bus interface (EXB) (1) (VCC = 4.00 to 5.25
V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted) .............................. 12
Table 3.1.14 Switching characteristics of external bus interface (EXB) (2) (VCC = 3.00 to 4.00
V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted) .............................. 12
Table 3.1.15 Switching characteristics (USB ports) (VCC = 3.00 to 5.25 V, VSS = 0 V, Ta = –20
to 85 °C, unless otherwise noted) ........................................................................ 13
List of tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com