Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H83217 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # H83217
Description  Single-Chip Microcomputer
PDF  520 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83217 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button H83217 Datasheet HTML 17Page - Renesas Technology Corp H83217 Datasheet HTML 18Page - Renesas Technology Corp H83217 Datasheet HTML 19Page - Renesas Technology Corp H83217 Datasheet HTML 20Page - Renesas Technology Corp H83217 Datasheet HTML 21Page - Renesas Technology Corp H83217 Datasheet HTML 22Page - Renesas Technology Corp H83217 Datasheet HTML 23Page - Renesas Technology Corp H83217 Datasheet HTML 24Page - Renesas Technology Corp H83217 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 520 page
background image
5
Table 1-1
Features (cont)
Feature
Description
On-chip peripheral
functions
Product
Name
FRT
TMR0
TMR1
TMRX,
TIimer
Connection PWM
WDT
SCI
IIC
HIF,
Key-Sense
Interrupt
Except
H8/3212
and
H8/3202
Yes
Yes
Yes
Yes
Yes
× 2
× 2
Yes
H8/3212
Yes
Yes
Yes
Yes
Yes
× 1
× 2
No
H8/3202
Yes
Yes
No
No
Yes
× 2
× 1
Yes
Notes: The I2C bus interface is available as an option. Observe the following notes when using this
option.
1.
Please inform your Hitachi sales representative if you intend to use this option.
2.
For mask-ROM versions, a W is added to the part number in products in which this
optional function is used.
Examples: HD6433217WF16, HD6433212WP12
3.
The product number is identical for ZTAT version. However, be sure to inform your
Hitachi sales representative if you will be using this option.
*
Under development
*1 2 channels incorporated in the H8/3202, and three channels in all other models.
*2 1 channel incorporated in the H8/3212, and 2 channels in all other models.
*3 1 channel incorporated in the H8/3202, and 2 channels in all other models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com