Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H83318 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # H83318
Description  Single-Chip Microcomputer
PDF  574 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83318 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button H83318 Datasheet HTML 82Page - Renesas Technology Corp H83318 Datasheet HTML 83Page - Renesas Technology Corp H83318 Datasheet HTML 84Page - Renesas Technology Corp H83318 Datasheet HTML 85Page - Renesas Technology Corp H83318 Datasheet HTML 86Page - Renesas Technology Corp H83318 Datasheet HTML 87Page - Renesas Technology Corp H83318 Datasheet HTML 88Page - Renesas Technology Corp H83318 Datasheet HTML 89Page - Renesas Technology Corp H83318 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 574 page
background image
70
IRQ Enable Register (IER)
Bit
76543210
IRQ7E
IRQ6E
IRQ5E
IRQ4E
IRQ3E
IRQ2E
IRQ1E
IRQ0E
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7 to 0—IRQ7 to IRQ0 Enable (IRQ7E to IRQ0E): These bits enable or disable the IRQ7
to IRQ0 interrupts individually.
Bits 7 to 0
IRQ7E to IRQ0E
Description
0
IRQ
7 to IRQ 0 interrupt requests are disabled
(Initial state)
1
IRQ
7 to IRQ 0 interrupt requests are enabled
When edge sensing is selected (by setting bits IRQ7SC to IRQ0SC to 1), it is possible for an
interrupt-handling routine to be executed even though the corresponding enable bit (IRQ7E to
IRQ0E) is cleared to 0 and the interrupt is disabled. If an interrupt is requested while the enable bit
(IRQ7E to IRQ0E) is set to 1, the request will be held pending until served. If the enable bit is
cleared to 0 while the request is still pending, the request will remain pending, although new
requests will not be recognized. If the interrupt mask bit (I) in the CCR is cleared to 0, the
interrupt-handling routine can be executed even though the enable bit is now 0.
If execution of interrupt-handling routines under these conditions is not desired, it can be avoided
by using the following procedure to disable and clear interrupt requests.
1. Set the I bit to 1 in the CCR, masking interrupts. Note that the I bit is set to 1 automatically
when execution jumps to an interrupt vector.
2. Clear the desired bits from IRQ7E to IRQ0E to 0 to disable new interrupt requests.
3. Clear the corresponding IRQ7SC to IRQ0SC bits to 0, then set them to 1 again. Pending IRQn
interrupt requests are cleared when I = 1 in the CCR, IRQnSC = 0, and IRQnE = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com