Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP9972GS Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP9972GS
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9972GS Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP9972GS Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9972GS Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9972GS Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9972GS Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9972GS Datasheet HTML 5Page - Advanced Power Electronics Corp. AP9972GS Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Package Outline : TO-220
Millimeters
MIN
NOM
MAX
A
4.25
4.48
4.70
b
0.65
0.80
0.90
b1
1.15
1.38
1.60
c
0.40
0.50
0.60
c1
1.00
1.20
1.40
E
9.70
10.00
10.40
E1
---
---
11.50
e
----
2.54
----
L
12.70
13.60
14.50
L1
2.60
2.80
3.00
L2
1.00
1.40
1.80
L3
2.6
3.10
3.6
L4
14.70
15.50
16
L5
6.30
6.50
6.70
φ
3.50
3.60
3.70
D
8.40
8.90
9.40
1.All Dimensions Are in Millimeters.
2.Dimension Does Not Include Mold Protrusions.
Part Marking Information & Packing : TO-220
SYMBOLS
ADVANCED POWER ELECTRONICS CORP.
E
b
b1
e
D
L3
L4
L1
L2
A
c1
c
L
Package Code
Part Number
Date Code (YWWSSS)
Y:Last Digit Of The Year
WW:Week
SSS:Sequence
9972GP
YWWSSS
LOGO
φ
L5
meet Rohs requirement
E1
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com