Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4979D Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4979D
Description  LOW DROP VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4979D Datasheet(HTML) 2 Page - STMicroelectronics

  L4979D_06 Datasheet HTML 1Page - STMicroelectronics L4979D_06 Datasheet HTML 2Page - STMicroelectronics L4979D_06 Datasheet HTML 3Page - STMicroelectronics L4979D_06 Datasheet HTML 4Page - STMicroelectronics L4979D_06 Datasheet HTML 5Page - STMicroelectronics L4979D_06 Datasheet HTML 6Page - STMicroelectronics L4979D_06 Datasheet HTML 7Page - STMicroelectronics L4979D_06 Datasheet HTML 8Page - STMicroelectronics L4979D_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
L4979MD L4979D
2/10
Table 2. Pin Function
Figure 3. Pins Connection (Top view)
SO8
N°
SO20
N°
Pin
Name
Function
1
1
En
Enable input
If high, regulator, watchdog and reset are operating. If low, regulator, watchdog
and reset are shut down.
2
4
gnd
Ground reference
5,6,15,16
gnd
Ground
These pins are to be connected to a heat spreader electrically grounded
3
7
Res
Reset output.
It is pulled down when output voltage drops below Vo_th or frequency at Wi is too
low.
4
10
Vcr
Reset timing adjust
A capacitor between Vcr pin and gnd sets the reset delay time (trd)
5
11
Vcw
Watchdog timer adjust
A capacitor between Vcw pin and gnd sets the time response of the watchdog
monitor.
6
14
Wi
Watchdog input.
If the frequency at this input pin is too low, the Reset output is activated.
7
17
Vo
Voltage regulator output
Output capacitor >100nF is needed for regulator stability
8
20
Vs
Supply voltage
Supply capacitor (e.g. 200nF) is needed for regulator stability.
2, 3, 8, 9, 12,
13, 18, 19
N. C.
not connected
EN
GND
RES
VCR
VCW
WI
VO
VS
1
3
2
4
6
5
7
8
SO8
EN
N.C.
N.C.
GND
GND
RES
GND
N.C.
N.C.
N.C.
N.C.
WI
GND
GND
VO
N.C.
N.C.
VS
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
VCR
WCW
D00AT457
SO8
SO20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com