Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB80NF55-06T4 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STB80NF55-06T4
Description  N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80NF55-06T4 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STB80NF55-06T4 Datasheet HTML 8Page - STMicroelectronics STB80NF55-06T4 Datasheet HTML 9Page - STMicroelectronics STB80NF55-06T4 Datasheet HTML 10Page - STMicroelectronics STB80NF55-06T4 Datasheet HTML 11Page - STMicroelectronics STB80NF55-06T4 Datasheet HTML 12Page - STMicroelectronics STB80NF55-06T4 Datasheet HTML 13Page - STMicroelectronics STB80NF55-06T4 Datasheet HTML 14Page - STMicroelectronics STB80NF55-06T4 Datasheet HTML 15Page - STMicroelectronics STB80NF55-06T4 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Package mechanical data
STB80NF55-06 - STB80NF55-06-1 - STP80NF55-06 - STP80NF55-06FP
12/17
TO-247 MECHANICAL DATA
1
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.7
0.93
0.027
0.036
B2
1.14
1.7
0.044
0.067
C
0.45
0.6
0.017
0.023
C2
1.23
1.36
0.048
0.053
D
8.95
9.35
0.352
0.368
D1
8
0.315
E
10
10.4
0.393
E1
8.5
0.334
G
4.88
5.28
0.192
0.208
L
15
15.85
0.590
0.625
L2
1.27
1.4
0.050
0.055
L3
1.4
1.75
0.055
0.068
M
2.4
3.2
0.094
0.126
R0.4
0.015
V2
0º
4º
D2PAK MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17