Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-15MI Datasheet(PDF) 39 Page - STMicroelectronics

Part # PSD835G2-15MI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-15MI Datasheet(HTML) 39 Page - STMicroelectronics

Back Button PSD835G2-15MI Datasheet HTML 35Page - STMicroelectronics PSD835G2-15MI Datasheet HTML 36Page - STMicroelectronics PSD835G2-15MI Datasheet HTML 37Page - STMicroelectronics PSD835G2-15MI Datasheet HTML 38Page - STMicroelectronics PSD835G2-15MI Datasheet HTML 39Page - STMicroelectronics PSD835G2-15MI Datasheet HTML 40Page - STMicroelectronics PSD835G2-15MI Datasheet HTML 41Page - STMicroelectronics PSD835G2-15MI Datasheet HTML 42Page - STMicroelectronics PSD835G2-15MI Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 110 page
background image
PSD8XX Family
PSD835G2
38
The
PSD835G2
Functional
Blocks
(cont.)
9.2.2.1 Output Micro
⇔Cell
Eight of the Output Micro
⇔Cells are connected to Port A pins are named as McellA0-7.
The other eight Micro
⇔Cells are connected to Port B pins are named as McellB0-7.
Maximum
Native
Borrowed
Data Bit for
Output
Port
Product
Product
Loading or
Micro
⇔Cell
Assignment
Terms
Terms
Reading
McellA0
Port A0
3
6
D0
McellA1
Port A1
3
6
D1
McellA2
Port A2
3
6
D2
McellA3
Port A3
3
6
D3
McellA4
Port A4
3
6
D4
McellA5
Port A5
3
6
D5
McellA6
Port A6
3
6
D6
McellA7
Port A7
3
6
D7
McellB0
Port B0
4
5
D0
McellB1
Port B1
4
5
D1
McellB2
Port B2
4
5
D2
McellB3
Port B3
4
5
D3
McellB4
Port B4
4
6
D4
McellB5
Port B5
4
6
D5
McellB6
Port B6
4
6
D6
McellB7
Port B7
4
6
D7
Table 13. Output Micro
⇔Cell Port and Data Bit Assignments
The Output Micro
⇔Cell (OMC) architecture is shown in Figure 13. As shown in the figure,
there are native product terms available from the AND array, and borrowed product terms
available (if unused) from other OMCs. The polarity of the product term is controlled by the
XOR gate. The OMC can implement either sequential logic, using the flip-flop element, or
combinatorial logic. The multiplexer selects between the sequential or combinatorial logic
outputs. The multiplexer output can drive a Port pin and has a feedback path to the AND
array inputs.
The flip-flop in the OMC can be configured as a D, T, JK, or SR type in the PSDsoft
program. The flip-flop’s clock, preset, and clear inputs may be driven from a product term
of the AND array. Alternatively, the external CLKIN signal can be used for the clock input
to the flip-flop. The flip-flop is clocked on the rising edge of the clock input. The preset and
clear are active-high inputs. Each clear input can use up to two product terms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com