Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TD230 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TD230
Description  ELECTRONIC CIRCUIT BREAKER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD230 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TD230 Datasheet HTML 2Page - STMicroelectronics TD230 Datasheet HTML 3Page - STMicroelectronics TD230 Datasheet HTML 4Page - STMicroelectronics TD230 Datasheet HTML 5Page - STMicroelectronics TD230 Datasheet HTML 6Page - STMicroelectronics TD230 Datasheet HTML 7Page - STMicroelectronics TD230 Datasheet HTML 8Page - STMicroelectronics TD230 Datasheet HTML 9Page - STMicroelectronics TD230 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
APPLICATION NOTE
by R. LIOU
ELECTRONIC CIRCUIT BREAKER
INTRODUCTION
Over current and short circuit protection is a con-
stant concern for today’s engineers. More and
more applications in different segments (Telecom,
Automotive, Industrial, Computer...) require always
improved reliability after delivery : maintenance
costs are an ever more worrying source of
expenses and customers’ dissatisfaction.
Alternatives for short circuit or over current protec-
tions are the fuses and the PTC (Positive Tempera-
ture Coefficient) resistors. The first are a cheap but
destructive solution ; the second are tied to a time
constant due to self heating which is often incom-
patible with the host equipment’s requirements.
In both cases, a coil can be adde d for an efficient
limitation of current surges, to the detriment of
weight and volume.
None of these solutions is fully satisfactory for a
reliable, immediate and non destructible short cir-
cuit and over current protection.
1. ELECTRONIC CIRCUIT BREAKER
The electronic circuit breaker TD230 is the conven-
ient solution for any industrial who wants at the
same time :
• immediate, efficient and resettable protection
for his equipment
• versatility regarding different applications
• easy and quick design-in
• low component count
• low cost
The electronic circuit breaker TD230 is to be used
with a minimal amount of external and low cost
components to drive one or two N-channel MOS-
FETs (in respectively single or dual supply applica-
tions) used as power switches between the DC
power supplies and the equipments to be
protected.
The TD230 immediately reacts (3
µs max. without
load) whenever an over current is detected by
switching off the corresponding MOSFET. Several
automatic restart attempts are made unless the
fault persists over an externally adjustable amount
of time after which the power MOSFET is defini-
tively switched off, waiting for a reset.
If the fault is detected on the positive supply, the
definitive shutdown will also disconnect the nega-
tive power supply and set a warning low level on
the Shutdown pin. If the fault is detected on the
negative supply, the definitive shutdown will dis-
connect only the negative power supply,and let the
positive part of the circuit undisturbed.
The whole system can be reset in three ways :
• by switching off the power supplies
• by unplugging and re-plugging the card (live
insertion)
• by setting the INHIBIT pin active during a
short time (allowing remote reset)
2. HOW TO USE THE TD230 ?
The typical configuration of the TD230 - Electronic
Circuit Breaker - in a dual supply topology is shown
in figure 1.
In this configuration, both NMOS 1/2 are used as
power switches which connect the equipments to
the power supplies, thus ensuring low voltage drop
through the ON-resistances (Rdson) of NMOS 1/2.
2.1. Current Limitation
When an over current condition (IOC) is detected
through the low ohmic shunt resistors RS 1/2 as
given under equation (i) :
• VRS 1/2 =IOC xRS > 63mV typ. (i)
the gate of the corresponding MOSFET 1/2 is dis-
charged immediately, thus disconnecting the
board/equipment from the power supply.
Note that the over current condition is given by the
constant product IOC xRS = 63mV, which means
that the IOC limit is directly given by the choice of
the shunt resistors RS1/2 values.
The TD230 automatically makes restart attempts
by slowly recharging the gate of the MOSFET 1/2
with a 15
µA typ. current source ensuring thus slow
ramp with the typical time constant before recon-
duction shown in equation (ii) :
• tON =CISS xVTH /15µA (ii)
TD230
6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com