Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FDFP Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # M38K02FDFP
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FDFP Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button M38K02FDFP Datasheet HTML 144Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 145Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 146Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 147Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 148Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 149Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 150Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 151Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 328 page
background image
2.2 Interrupt
Rev.2.00
Oct 05, 2006
page 19 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
2.2.7 Key input interrupt
A key input interrupt request is generated by applying “L” level to any port P0 pin that has been set to the
input mode. In other words, it is generated when AND of the input level goes from “1” to “0”.
(1)
Connection example when Key input interrupt is used
When using the Key input interrupt, compose an active-low key matrix which inputs to port P0. Figure
2.2.13 shows a connection example and the port P0 block diagram when using a key input interrupt.
In the connection example in Figure 2.2.13, a key input interrupt request is generated by pressing
one of the keys corresponding to ports P00 to P03.
Fig. 2.2.13 Connection example and port P0 block diagram when using key input interrupt
✽ ✽
✽ ✽
✽ ✽
✽ ✽
✽ ✽
✽ ✽
✽ ✽
✽
✽ ✽
✽
✽
✽
✽
✽
✽
✽
Port P00
latch
Port P00
direction register = “0”
Port P01
latch
Port P01
direction register = “0”
Port P02
latch
Port P02
direction register = “0”
Port P03
latch
Port P03
direction register = “0”
Port P04
latch
Port P04
direction register = “1”
Port P05
latch
Port P05
direction register = “1”
Port P06
latch
Port P06
direction register = “1”
Port P07
latch
Port P07
direction register = “1”
P00 input
P01 input
P02 input
P03 input
P04 output
P05 output
P06 output
P07 output
PULL 0 register
Bit 7 = “0”
Port P0
Input reading circuit
Port PXx
“L” level output
✽
P-channel transistor for pull-up
✽ ✽ CMOS output buffer
Key input interrupt request
PULL 0 register
Bit 6 = “0”
PULL 0 register
Bit 5 = “0”
PULL 0 register
Bit 4 = “0”
PULL 0 register
Bit 3 = “1”
PULL 0 register
Bit 2 = “1”
PULL 0 register
Bit 1 = “1”
PULL 0 register
Bit 0 = “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com