Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FDFP Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # M38K02FDFP
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FDFP Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button M38K02FDFP Datasheet HTML 148Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 149Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 150Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 151Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 152Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 153Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 154Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 155Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 328 page
background image
2.3 Timer
Rev.2.00
Oct 05, 2006
page 23 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
2.3 Timer
This paragraph explains the registers setting method and the notes related to the timers.
2.3.1 Memory map
Fig. 2.3.1 Memory map of registers related to timers
2.3.2 Related registers
Fig. 2.3.2 Structure of Prescaler 12, Prescaler X
002016
002116
002216
002316
002416
002516
Prescaler 12 (PRE12)
Timer 1 (T1)
Timer 2 (T2)
Timer X mode register (TM)
Prescaler X (PREX)
Timer X (TX)
003C16
003E16
Interrupt control register 1 (ICON1)
003D16
003F16
Interrupt request register 1 (IREQ1)
Interrupt request register 2 (IREQ2)
Interrupt control register 2 (ICON2)
Prescaler 12, Prescaler X
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
1
1
1
1
1
1
1
1
Prescaler 12 (PRE12) [Address : 2016]
Prescaler X (PREX) [Address : 2416]
•Set a count value of each prescaler.
•The value set in this register is written to both each prescaler
and the corresponding prescaler latch at the same time.
•When this register is read out, the count value of the corres-
ponding prescaler is read out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com