Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FDFP Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # M38K02FDFP
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FDFP Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button M38K02FDFP Datasheet HTML 150Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 151Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 152Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 153Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 154Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 155Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 156Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 157Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 328 page
background image
2.3 Timer
Rev.2.00
Oct 05, 2006
page 25 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
Fig. 2.3.5 Structure of Timer X mode register
Timer X operation modes
Timer mode
Pulse output mode
Event counter mode
Pulse width measurement mode
CNTR0 active edge selection bit
(bits 2 of address 2316) contents
“0” CNTR0 interrupt request occurrence: Falling edge
; No influence to timer count
“1” CNTR0 interrupt request occurrence: Rising edge
; No influence to timer count
“0” Pulse output start: Beginning at “H” level
CNTR0 interrupt request occurrence: Falling edge
“1” Pulse output start: Beginning at “L” level
CNTR0 interrupt request occurrence: Rising edge
“0” Timer X: Rising edge count
CNTR0 interrupt request occurrence: Falling edge
“1” Timer X: Falling edge count
CNTR0 interrupt request occurrence: Rising edge
“0” Timer X: “H” level width measurement
CNTR0 interrupt request occurrence: Falling edge
“1” Timer X: “L” level width measurement
CNTR0 interrupt request occurrence: Rising edge
Table 2.3.1 CNTR0 active edge selection bit function
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
2
3
4
5
6
7
Name
0
0
0
Timer X mode register (TM) [Address : 2316]
Timer X mode register
0
0 0 : Timer mode
0 1 : Pulse output mode
1 0 : Event counter mode
1 1 : Pulse width measurement
mode
b1 b0
1
0
Timer X operating mode bits
CNTR0 active edge selection
bit
The function depends on the
operating mode of Timer X.
(Refer to Table 2.3.1)
Timer X count stop bit
0 : Count start
1 : Count stop
Nothing is arranged for these bits. These are write disabled bits.
When these bits are read out, the contents are “0”.
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com