Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FDFP Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # M38K02FDFP
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FDFP Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button M38K02FDFP Datasheet HTML 154Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 155Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 156Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 157Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 158Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 159Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 160Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 161Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 328 page
background image
2.3 Timer
Rev.2.00
Oct 05, 2006
page 29 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
TM
0
0
1
PREX
29
TX
124
b0
b7
b0
b7
b0
b7
Timer X mode register (address 2316)
Timer X operating mode: Timer mode
Timer X count: Stop
Clear to “0” when starting count.
Prescaler X (address 2416)
Timer X (address 2516)
Set “division ratio – 1”
ICON1
Timer X interrupt: Enabled
1
b0
b7
Interrupt control register 1 (address 3E16)
IREQ1
b0
b7
Interrupt request register 1 (address 3C16)
Timer X interrupt request
(becomes “1” at 10 ms intervals)
0
Fig. 2.3.11 Related registers setting
(2)
Timer application example 1: Clock function (measurement of 10 ms)
Outline: The input clock is divided by the timer so that the clock can count up at 10 ms intervals.
Specifications: •The clock f(XIN) = 6 MHz is divided by the timer.
•The clock is counted up in the process routine of the timer X interrupt which occurs
at 10 ms intervals.
Figure 2.3.10 shows the timers connection and setting of division ratios; Figure 2.3.11 shows the
related registers setting; Figure 2.3.12 shows the control procedure.
Fig. 2.3.10 Timers connection and setting of division ratios
f(XIN) = 6 MHz
10 ms
1/16
1/30
1/125
1/100
1 second
Dividing by 100 with software
Fixed
Prescaler X
Timer X
Timer X interrupt
request bit
0 or 1
0 : No interrupt request issued
1 : Interrupt request issued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com