Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FDFP Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # M38K02FDFP
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FDFP Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button M38K02FDFP Datasheet HTML 179Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 180Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 181Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 182Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 183Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 184Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 185Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 186Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 328 page
background image
2.4 Serial I/O
Rev.2.00
Oct 05, 2006
page 54 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
Figure 2.4.21 shows registers setting related to Serial I/O, and Figure 2.4.22 shows a setting of serial
I/O transmission data.
Fig. 2.4.22 Setting of serial I/O transmission data
Fig. 2.4.21 Registers setting related to Serial I/O
SRDY
output enable bit : SRDY output disabled
Serial I/O synchronous clock selection bit : BRG/4
0
Serial I/O transmit interrupt enable bit : Interrupt disabled
ICON2
Interrupt control register 2 (Address : 3F16)
Serial I/O transmit interrupt request bit
Confirm completion of transmitting
1-byte data by one unit.
“1” : Transmit shift completion
IREQ2
Interrupt request register 2 (Address : 3D16)
00
1
SIOCON
Serial I/O control register (Address : 0FE016)
0
0
11
BRG count source selection bit : f(XIN)
Transmit interrupt source selection bit : Transmit shift operating
completion
Transmit enable bit : Transmit enabled
1
Receive enable bit : Receive disabled
b7
b0
0
b7
b0
b7
b0
Serial I/O mode selection bit : Clock synchronous serial I/O
Serial I/O enable bit : Serial I/O enabled
11
Set “division ratio – 1”.
BRG
Baud rate generator (Address : 0FE216)
b7
b0
Set a transmission data.
Confirm that transmission of the previous data is
completed (bit 3 of the Interrupt request register 2
is “1”) before writing data.
TB/RB
Transmit/Receive buffer register (Address : 2616)
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com