Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FDFP Datasheet(PDF) 189 Page - Renesas Technology Corp

Part # M38K02FDFP
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FDFP Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button M38K02FDFP Datasheet HTML 185Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 186Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 187Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 188Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 189Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 190Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 191Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 192Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 328 page
background image
2.4 Serial I/O
Rev.2.00
Oct 05, 2006
page 60 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
(4)
Communication (transmit/receive) using asynchronous serial I/O (UART)
Outline : 2-byte data is transmitted and received, using the asynchronous serial I/O.
Port P20 is used for communication control.
Figure 2.4.29 shows a connection diagram, and Figure 2.4.30 shows a timing chart.
Fig. 2.4.29 Connection diagram (Communication using UART)
Specifications : • The Serial I/O is used (UART is selected).
• Transfer bit rate : 9600 bps (f(XIN) = 6 MHz is divided by 624)
• Communication control using port P20
(The output level of port P20 is controlled by software.)
• 2-byte data is transferred from the transmitting side to the receiving side at intervals
of 10 ms generated by the timer.
Fig. 2.4.30 Timing chart (using UART)
Transmitting side
P20
38K0 group
P20
38K0 group
Receiving side
TXDRXD
P20
10 ms
D0 D1 D2 D3
D4 D5 D6 D7
ST
SP(2)
D0
D1 D2 D3 D4 D5 D6
D7
ST
SP(2)
D0
ST
.
.....
TXD
.
.....



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com