Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FDFP Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # M38K02FDFP
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FDFP Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button M38K02FDFP Datasheet HTML 191Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 192Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 193Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 194Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 195Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 196Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 197Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 198Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 328 page
background image
2.4 Serial I/O
Rev.2.00
Oct 05, 2006
page 66 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
2.4.6 Notes on serial I/O
(1)
Notes when selecting clock synchronous serial I/O (Serial I/O)
➀ Stop of transmission operation
Clear the serial I/O enable bit and the transmit enable bit to “0” (Serial I/O and transmit disabled).
q Reason
Since transmission is not stopped and the transmission circuit is not initialized even if only the
serial I/O enable bit is cleared to “0” (Serial I/O disabled), the internal transmission is running (in
this case, since pins TxD, RxD, SCLK, and SRDY function as I/O ports, the transmission data is not
output). When data is written to the transmit buffer register in this state, data starts to be shifted
to the transmit shift register. When the serial I/O enable bit is set to “1” at this time, the data during
internally shifting is output to the TxD pin and an operation failure occurs.
➁ Stop of receive operation
Clear the receive enable bit to “0” (receive disabled), or clear the serial I/O enable bit to “0” (Serial
I/O disabled).
➂ Stop of transmit/receive operation
Clear the transmit enable bit and receive enable bit to “0” simultaneously (transmit and receive
disabled).
(when data is transmitted and received in the clock synchronous serial I/O mode, any one of data
transmission and reception cannot be stopped.)
q Reason
In the clock synchronous serial I/O mode, the same clock is used for transmission and reception.
If any one of transmission and reception is disabled, a bit error occurs because transmission and
reception cannot be synchronized.
In this mode, the clock circuit of the transmission circuit also operates for data reception. Accordingly,
the transmission circuit does not stop by clearing only the transmit enable bit to “0” (transmit
disabled). Also, the transmission circuit is not initialized by clearing the serial I/O enable bit to “0”
(Serial I/O disabled) (refer to (1) ➀).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com