Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FDFP Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # M38K02FDFP
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FDFP Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button M38K02FDFP Datasheet HTML 193Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 194Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 195Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 196Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 197Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 198Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 199Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 200Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 328 page
background image
2.4 Serial I/O
Rev.2.00
Oct 05, 2006
page 68 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
(5)
Data transmission control with referring to transmit shift register completion flag (Serial I/O)
The transmit shift register completion flag changes from “1” to “0” with a delay of 0.5 to 1.5 shift
clocks. When data transmission is controlled with referring to the flag after writing the data to the
transmit buffer register, note the delay.
(6)
Transmission control when external clock is selected (Serial I/O)
When an external clock is used as the synchronous clock for data transmission, set the transmit
enable bit to “1” at “H” of the SCLK input level. Also, write the transmit data to the transmit buffer
register (serial I/O shift register) at “H” of the SCLK input level.
(7)
Transmit interrupt request when transmit enable bit is set (Serial I/O)
When the transmit interrupt is used, set the transmit interrupt enable bit to transmit enabled as shown
in the following sequence.
➀ Set the interrupt enable bit to “0” (disabled) with CLB instruction.
➁ Prepare serial I/O for transmission/reception.
➂ Set the interrupt request bit to “0” with CLB instruction after 1 or more instruction has been
executed.
➃ Set the interrupt enable bit to “1” (enabled).
q Reason
When the transmission enable bit is set to “1”, the transmit buffer empty flag and transmit shift
register completion flag are set to “1”. The interrupt request is generated and the transmission
interrupt bit is set regardless of which of the two timings listed below is selected as the timing for
the transmission interrupt to be generated.
• Transmit buffer empty flag is set to “1”
• Transmit shift register completion flag is set to “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com