Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SA2221 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SA2221
Description  230V / 15A, AF100W Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2221 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA2221 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2221 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2221 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2221 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA2221/2SC6141
No. A1288-2/4
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)250V, IE=0A
(--)0.1
mA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)0.1
mA
DC Current Gain
hFE1VCE=(--)5V, IC=(--)1A
60
160
hFE2VCE=(--)5V, IC=(--)7.5A
35
Gain-Bandwidth Product
fT
VCE=(--)5V, IC=(--)1A
(10)15
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(400)200
pF
Base-to-Emitter Voltage
VBE
VCE=(--)5V, IC=(--)7.5A
(--)1.5
V
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)7.5A, IB=(--)0.75A
(--0.3)0.2
(--)2.0
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)5mA, IE=0A
(--)250
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)50mA, RBE=∞
(--)230
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)5mA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
(0.45)0.56
μs
Storage Time
tstg
See specified Test Circuit.
(1.75)3.3
μs
Fall Time
tf
See specified Test Circuit.
(0.25)0.4
μs
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7502-001
12
3
1.0
1.0
2.0
3.4
0.6
1.2
20.0
5.0
3.3
5.45
5.45
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-3PBL
2
4
6
8
10
12
14
16
0123456789
10
0
0
--2
--4
--6
--8
--10
--12
--14
--16
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
0
--1
--2
--3
--4
--5
--6
--7
--8
--9
--10
IT02058
2SA2221
IB=0mA
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
IT02059
2SC6141
IB=0mA
--40mA
--20mA
--500mA
--400mA
--300mA
--200mA
--100mA
40mA
20mA
400mA
300mA
200mA
100mA
For PNP, the polarity is reversed.
VR
RB
VCC=50V
VBE= --5V
10IB1= --10IB2=IC=7.5A
+
+
50Ω
INPUT
OUTPUT
RL=
6.67Ω
100μF
470μF
PW=20μs
IB1
D.C.≤1%
IB2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com