Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MALSECA00AG410CARK Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MALSECA00AG410CARK
Description  Aluminum Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALSECA00AG410CARK Datasheet(HTML) 2 Page - Vishay Siliconix

  MALSECA00AG410CARK Datasheet HTML 1Page - Vishay Siliconix MALSECA00AG410CARK Datasheet HTML 2Page - Vishay Siliconix MALSECA00AG410CARK Datasheet HTML 3Page - Vishay Siliconix MALSECA00AG410CARK Datasheet HTML 4Page - Vishay Siliconix MALSECA00AG410CARK Datasheet HTML 5Page - Vishay Siliconix MALSECA00AG410CARK Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 25018
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 05-Jun-08
279
ECA
Aluminum Capacitors
Vishay Roederstein
Note
Unless
otherwise
specified,
all
electrical
values
apply
at
Tamb =20 °C, P = 80 to 120 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
ECA 33 µF/25 V, ± 20 %, size 5 x 5.3 mm
Ordering code: MALSECA00BC233EARK
For Standard Packaging Quantity (SPQ) and Minimum Order
Quantity (MOQ) please refer to our price list or contact
customer service.
DIMENSIONS in millimeters
CASE SIZE
CODE
D ±
α
L ±
α
A ±
α
B ±
α
C ±
α
E ±
α
RN
P
BB
4 ± 0.5
5.3 ± 0.2
1.9 ± 0.2
4.3 ± 0.2
4.3 ± 0.2
1.0 ± 0.2
0.5 ~ 0.8
0.3
0.5
BC
5 ± 0.5
5.3 ± 0.2
2.3 ± 0.2
5.3 ± 0.2
5.3 ± 0.2
1.4 ± 0.2
0.5 ~ 0.8
0.3
0.5
BD
6.3 ± 0.5
5.3 ± 0.3
2.4 ± 0.2
6.6 ± 0.2
6.6 ± 0.2
2.2 ± 0.2
0.5 ~ 0.8
0.3
0.5
AD
6.3 ± 0.5
5.8 ± 0.3
2.4 ± 0.2
6.6 ± 0.2
6.6 ± 0.2
2.2 ± 0.2
0.5 ~ 0.8
0.3
0.5
BM
6.3 ± 0.5
7.7 ± 0.4
2.4 ± 0.2
6.6 ± 0.2
6.6 ± 0.2
2.2 ± 0.2
0.5 ~ 0.8
0.3
0.5
AE
8 ± 0.5
6.2 ± 0.4
3.3 ± 0.2
8.3 ± 0.2
8.3 ± 0.2
2.3 ± 0.2
0.5 ~ 0.8
0.3
0.5
AF
8 ± 0.5
10 ± 0.5
2.9 ± 0.2
8.3 ± 0.2
8.3 ± 0.2
3.1 ± 0.2
0.8 ~ 1.1
0.3
0.5
AG
10 ± 0.5
10 ± 0.5
3.2 ± 0.2
10.3 ± 0.2
10.3 ± 0.2
4.5 ± 0.2
0.8 ~ 1.1
0.3
0.5
AH
12.5 ± 0.5
13.5 ± 0.5
4.6 ± 0.2
12.8 ± 0.2
12.8 ± 0.2
4.5 ± 0.2
1.1 ~ 1.4
0.3
0.5
AK
16 ± 0.5
16.5 ± 0.5
5.6 ± 0.2
16.8 ± 0.2
16.8 ± 0.2
6.5 ± 0.2
1.1 ~ 1.4
0.3
0.5
C ±
α
Capacitance
Lot no.
Voltage
Plastic plateform
L ±
α
E ±
α
N max.
P max.
R
Positive
Negative
-
+
-
+
ELECTRICAL DATA
SYMBOL
DESCRIPTION
UR
rated voltage
CR
rated capacitance at 120 Hz
tan
δ
max. dissipation factor at 120 Hz
RESR
max. equivalent series resistance at 120 Hz
IR
rated alternating current at 120 Hz and upper
catagory temperature
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
DIMENSIONS
DxL
(mm)
tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IR
120 Hz/85 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
6.3
100
5 x 5.3
0.28
3.71
60
0.17
MALSECA00BC310BARK
330
6.3 x 7.7
0.35
1.41
188
0.40
MALSECA00BM333BARK
1000
8 x 10
0.35
0.46
370
1.00
MALSECA00AF410BARK
1500
10 x 10
0.35
0.31
480
1.25
MALSECA00AG415BARK
10
220
8 x 6.2
0.24
1.45
175
0.55
MALSECA00AE322CARK
470
8 x 10
0.24
0.68
290
1.00
MALSECA00AF347CARK
1000
10 x 10
0.24
0.32
454
1.25
MALSECA00AG410CARK
2200
12.5 x 13.5
0.24
0.14
960
2.50
MALSECA00AH422CARK



Html Pages

1 2 3 4 5 6