Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA1675A Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA1675A
Description  VERTICAL DEFLECTION CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1675A Datasheet(HTML) 2 Page - STMicroelectronics

  TDA1675A Datasheet HTML 1Page - STMicroelectronics TDA1675A Datasheet HTML 2Page - STMicroelectronics TDA1675A Datasheet HTML 3Page - STMicroelectronics TDA1675A Datasheet HTML 4Page - STMicroelectronics TDA1675A Datasheet HTML 5Page - STMicroelectronics TDA1675A Datasheet HTML 6Page - STMicroelectronics TDA1675A Datasheet HTML 7Page - STMicroelectronics TDA1675A Datasheet HTML 8Page - STMicroelectronics TDA1675A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
14
+
SYNC.
FLYBACK
GENERATOR
R3
POWER
AMP.
+
-
CLOCK
PULSE
R1
R2
13
2
+
1
11
15
C f
+V S
12
Re
Ra
Rc
C c
+
+
R f
8
9
10
C a
C b
R d
7
HEIGHT
C o
7
3
4
6
BLANKING
OUT
R o
SYNC.
LIN
R
b
Ly
Ry
Iy
OSCILLATOR
VOLTAGE
REGULATOR
BLANK
GENERATOR
AND CRT
PROTECTION
RAMP
GENERATOR
BUFFER
STAGE
THERMAL
PROTECTION
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage at Pin 14
35
V
V1, V2
Flyback Peak Voltage
65
V
V5
Sync. Input Voltage
20
V
V11, V12
Power Amplifier Input Voltage
VS - 10
V
V13
Voltage at Pin 13
VS
IO
Output Current (non repetitive) at t = 2ms
3
A
IO
Output Peak Current at f = 50Hz t > 10
µs2
A
IO
Output Peak Current at f = 50Hz t
≤ 10 µs
3.5
A
I15
Pin 15 Peak-to-peak Flyback Current at f = 50Hz, tfly
≤ 1.5ms
3
A
I15
Pin 15 D.C. Current at V1 < V14
100
mA
Ptot
Maximum Power Dissipation at Tcase
≤ 60oC30
W
Tstg, Tj
Storage and Junction Temperature
- 40, + 150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
RTH(j-c)
Thermal Resistance Junction-case
Max.
3
oC/W
RTH(j-a)
Thermal Resistance Junction-ambient
Max.
40
oC/W
TDA1675A
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com