Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EB43D28 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EB43D28
Description  Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB43D28 Datasheet(HTML) 2 Page - Vishay Siliconix

  EB43D28 Datasheet HTML 1Page - Vishay Siliconix EB43D28 Datasheet HTML 2Page - Vishay Siliconix EB43D28 Datasheet HTML 3Page - Vishay Siliconix EB43D28 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
3
EB4
Vishay Dale
For technical questions, contact Connectors@vishay.com
Document Number 36001
Revision 14-Aug-02
Polarizing Key:
When ordering polarizing
keys individually, specify
by the Model Number:
PK-4 between contacts.
Hand insertion tool, TPK-4,
provided upon request.
# OF CONTACT
POSITIONS
PER SIDE
A
B
C
D
E
6
1.435 [36.45]
1.175 [29.85]
0.700 [17.78]
0.860 [21.84]
0.750 [19.05]
10
1.835 [46.61]
1.575 [40.00]
1.100 [27.94]
1.260 [32.00]
1.150 [29.21]
12
2.035 [51.69]
1.775 [45.08]
1.300 [33.02]
1.460 [37.08]
1.350 [34.29]
15
2.335 [59.31]
2.075 [52.70]
1.600[40.64]
1.760 [44.70]
1.650 [41.91]
18
2.635 [66.93]
2.375 [60.32]
1.900 [48.26]
2.060 [52.32]
1.950 [49.53]
20
2.835 [72.01]
2.575 [65.40]
2.100 [53.34]
2.260 [57.40]
2.150 [54.61]
22
3.035 [77.09]
2.775 [70.48]
2.300 [58.42]
2.460 [62.48]
2.350 [59.69]
25
3.335 [84.71]
3.075 [78.10]
2.600 [66.04]
2.760 [70.10]
2.650 [67.31]
28
3.635 [92.33]
3.375 [85.72]
2.900 [73.66]
3.060 [77.72]
2.950 [74.93]
30
3.835 [97.41]
3.575 [90.80]
3.100 [78.74]
3.260 [82.80]
3.150 [80.01]
31
3.935 [99.95]
3.675 [93.34]
3.200 [81.28]
3.360 [85.34]
3.250 [82.55]
35
4.335 [110.11]
4.075 [103.50]
3.600 [91.44]
3.760 [95.50]
3.650 [92.71]
36
4.435 [112.65]
4.175 [106.04]
3.700 [93.98]
3.860 [98.04]
3.750 [95.25]
40
4.835 [122.81]
4.575 [116.20]
4.100 [104.14]
4.260 [108.20]
4.150 [105.41]
43
5.135 [130.43]
4.875 [123.82]
4.400 [111.76]
4.560 [115.82]
4.450 [113.03]
44
5.235 [132.97]
4.975 [126.36]
4.500 [114.30]
4.660 [118.36]
4.550 [115.57]
48
5.635 [143.13]
5.375 [136.52]
4.900 [124.46]
5.060 [128.52]
4.950 [125.73]
49
5.735 [145.67]
5.475 [139.06]
5.000 [127.00]
5.160 [131.06]
5.050 [128.27]
50
5.835 [148.21]
5.575 [141.60]
5.100 [129.54]
5.260 [133.60]
5.150 [130.81]
60
6.835 [173.61]
6.575 [167.00]
6.100 [154.94]
6.260 [159.00]
6.150 [156.21]
65
7.335 [186.31]
7.075 [179.70]
6.600 [167.64]
6.760 [171.70]
6.650 [168.91]
0.287
[7.29]
E
D
See table for
contact and
mounting variations
0.250
[6.35]
Typ.
0.430
[10.92]
Typ.
0.610 [15.49]
Typ.
0.180
[4.57]
Typ.
0.060
[1.52]
Typ.
0.050
[1.27]
Typ.
0.342
[8.69]
Typ.
0.365
[9.27]
A
B
C
J
J
0.060
[1.52]
R Typ.
0.100
[2.54]
Typ.
0.200
[5.08]
0.300 [7.62]
Depth of
Insertion
0.054 - 0.071 [1.37 - 1.80]
Card Thickness
Section J-J
0.031
[0.787]
0.295
[7.49]
0.150 [3.81]
0.096
± 0.002 [2.44 ± .051]
0.125
[3.17]
Point of
Contact
DIMENSIONS in inches [millimeters]
Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C,
Standard and Right Angle Terminals



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com