Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL60NH3LL Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL60NH3LL
Description  N-channel 30 V - 0.0065 Ω - 30 A - PowerFLAT??(6x5) ultra low gate charge STripFET™Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL60NH3LL Datasheet(HTML) 5 Page - STMicroelectronics

  STL60NH3LL Datasheet HTML 1Page - STMicroelectronics STL60NH3LL Datasheet HTML 2Page - STMicroelectronics STL60NH3LL Datasheet HTML 3Page - STMicroelectronics STL60NH3LL Datasheet HTML 4Page - STMicroelectronics STL60NH3LL Datasheet HTML 5Page - STMicroelectronics STL60NH3LL Datasheet HTML 6Page - STMicroelectronics STL60NH3LL Datasheet HTML 7Page - STMicroelectronics STL60NH3LL Datasheet HTML 8Page - STMicroelectronics STL60NH3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STL60NH3LL
Electrical characteristics
5/13
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 15 V, ID = 8 A
RG= 4.7 Ω, VGS= 10 V,
(see Figure 15)
8
65
ns
ns
td(off)
tf
Turn-off delay time
Fall time
VDD = 15 V, ID = 8 A
RG= 4.7 Ω, VGS= 10 V,
(see Figure 15)
30
20
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
ISD
ISDM
Source-drain current
Source-drain current (pulsed)
16
64
A
A
VSD
(1)
1.
Pulsed: Pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD = 16 A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 16 V,
di/dt = 100 A/µs
VDD = 20 V, Tj = 25°C
(see Figure 17)
22
32
1.9
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com