Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV431 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # TLV431
Description  1.24V Cost effective shunt regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

TLV431 Datasheet(HTML) 2 Page - Zetex Semiconductors

  TLV431_08 Datasheet HTML 1Page - Zetex Semiconductors TLV431_08 Datasheet HTML 2Page - Zetex Semiconductors TLV431_08 Datasheet HTML 3Page - Zetex Semiconductors TLV431_08 Datasheet HTML 4Page - Zetex Semiconductors TLV431_08 Datasheet HTML 5Page - Zetex Semiconductors TLV431_08 Datasheet HTML 6Page - Zetex Semiconductors TLV431_08 Datasheet HTML 7Page - Zetex Semiconductors TLV431_08 Datasheet HTML 8Page - Zetex Semiconductors TLV431_08 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TLV431
Issue 1 - June 2008
2
www.zetex.com
© Zetex Semiconductors plc 2008
Absolute Maximum Ratings
Cathode Voltage (VKA) ........................................................................... 20V
Continuous Cathode Current (IKA) ........................................... -20 to 20mA
Reference input current range (IREF).............................. -0.050 mA to 3mA
Operating Junction Temperature............................................. -40 to 150°C
Storage Temperature ............................................................... -55 to 150°C
Operation above the absolute maximum rating may cause device failure. Operation at the
absolute maximum ratings, for extended periods, may reduce device reliability.
Unless otherwise stated voltages specified are relative to the ANODE pin.
Package Thermal Data
Recommended Operating Conditions
Package
θ
JA
PDIS
TA =25°C, TJ = 150°C
SOT23
380°C/W
330 mW
SOT23-5
250°C/W
500 mW
SC70-6
380oC/W
330mW
Min
Max
Units
VKA
Cathode Voltage
VREF
18
V
IKA
Cathode Current
0.1
15
mA
TA
Operating Ambient temperature range
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com