Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STS8DNH3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS8DNH3LL
Description  Dual n-channel 30 V - 0.018 Ω - 8 A - SO-8 low gate charge STripFET??III Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS8DNH3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STS8DNH3LL Datasheet HTML 1Page - STMicroelectronics STS8DNH3LL Datasheet HTML 2Page - STMicroelectronics STS8DNH3LL Datasheet HTML 3Page - STMicroelectronics STS8DNH3LL Datasheet HTML 4Page - STMicroelectronics STS8DNH3LL Datasheet HTML 5Page - STMicroelectronics STS8DNH3LL Datasheet HTML 6Page - STMicroelectronics STS8DNH3LL Datasheet HTML 7Page - STMicroelectronics STS8DNH3LL Datasheet HTML 8Page - STMicroelectronics STS8DNH3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
June 2008
Rev 2
1/12
12
STS8DNH3LL
Dual n-channel 30 V - 0.018
Ω - 8 A - SO-8
low gate charge STripFET™ III Power MOSFET
Features
■ Optimal RDS(on) x Qg trade-off @ 4.5 V
■ Conduction losses reduced
■ Switching losses reduced
Application
■ Switching applications
Description
This product utilizes the latest advanced design
rules of ST’s proprietary STripFET™ technology
which is suitable for the most demanding DC-DC
converter applications where high efficiency is
required.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on) max
ID
STS8DNH3LL
30 V
< 0.022
Ω
8 A
S0-8
Table 1.
Device summary
Order code
Marking
Package
Packaging
STS8DNH3LL
8DH3LL
SO-8
Tape & reel
www.st.com


Similar Part No. - STS8DNH3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL Datasheet
225Kb / 9P
DUAL N-CHANNEL 30V - 0.018 OHM - 8A SO-8 LOW GATE CHARGE STripFET III POWER MOSFET
More results

Similar Description - STS8DNH3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS11NF3LL STMICROELECTRONICS-STS11NF3LL Datasheet
44Kb / 6P
N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STL8NH3LL STMICROELECTRONICS-STL8NH3LL Datasheet
164Kb / 7P
N-CHANNEL 30 V - 0.012 ??- 8 A PowerFLAT??ULTRA LOW GATE CHARGE STripFET??MOSFET
05-Oct-2004
STS12NH3LL STMICROELECTRONICS-STS12NH3LL Datasheet
178Kb / 7P
N-CHANNEL 30 V - 0.008 ??- 12 A SO-8 ULTRA LOW GATE CHARGE STripFET??MOSFET
21-Jul-2004
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL Datasheet
225Kb / 9P
DUAL N-CHANNEL 30V - 0.018 OHM - 8A SO-8 LOW GATE CHARGE STripFET III POWER MOSFET
STS8C5H30L STMICROELECTRONICS-STS8C5H30L_07 Datasheet
426Kb / 14P
N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
30-Jan-2007
STS9NH3LL STMICROELECTRONICS-STS9NH3LL Datasheet
325Kb / 12P
N-channel 30V - 0.018ohm - 9A - SO-8 Low gate charge STripFET TM III Power MOSFET
24-Jul-2006
STS8C5H30L_0707 STMICROELECTRONICS-STS8C5H30L_0707 Datasheet
429Kb / 14P
N-channel 30V - 0.018 Ω - 8A/p-channel 30V - 0.045 Ω - 5A - SO-8 Low gate charge STripFET??III MOSFET
23-Jul-2007
STS9NH3LL STMICROELECTRONICS-STS9NH3LL_07 Datasheet
343Kb / 13P
N-channel 30 V - 0.018 Ω - 9 A - SO-8 low gate charge STripFET??III Power MOSFET
12-Dec-2007
STS12NH3LL STMICROELECTRONICS-STS12NH3LL_07 Datasheet
316Kb / 13P
N-channel 30 V - 0.008 Ω - 12 A - SO-8 ultra low gate charge STripFET??Power MOSFET
26-Nov-2007
STS8DN3LLH5 STMICROELECTRONICS-STS8DN3LLH5 Datasheet
775Kb / 12P
Dual N-channel 30 V, 0.0155 廓, 10 A, SO-8 STripFET??V Power MOSFET
12-Jan-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com