Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TT2274T Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # TT2274T
Description  NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TT2274T Datasheet(HTML) 1 Page - Sanyo Semicon Device

  TT2274T Datasheet HTML 1Page - Sanyo Semicon Device TT2274T Datasheet HTML 2Page - Sanyo Semicon Device TT2274T Datasheet HTML 3Page - Sanyo Semicon Device TT2274T Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TT2274T
No. A1139-1/4
Features
•
High breakdown voltage (VCBO≥1400V).
•
Ultrahigh-speed switching.
•
Wide ASO.
Specifications
Absolute Maximum Ratings
at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
1400
V
Collector-to-Emitter Voltage
VCEO
800
V
Emitter-to-Base Voltage
VEBO
5V
Collector Current
IC
1A
Collector Current (Pulse)
ICP
PW≤300μs, duty cycle≤10%
2
A
Collector Dissipation
PC
1W
Tc=25°C25
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics
at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=800V, IE=0A
10
μA
Collector Cutoff Current
ICES
VCB=1400V, RBE=0Ω
1mA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
1
mA
DC Current Gain
hFE1VCE=5V, IC=0.1A
15
35
hFE2VCE=5V, IC=0.5A
4
Continued on next page.
Ordering number : ENA1139
90308CB TI IM TC-00001577
SANYO Semiconductors
DATA SHEET
TT2274T
NPN Triple Diffused Planar Silicon Transistor
Switching Regulator Applications
www.semiconductor-sanyo.com/network
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - TT2274T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TT22 ETC2-TT22 Datasheet
988Kb / 20P
BEAM TETRODES
logo
Sanyo Semicon Device
TT2202 SANYO-TT2202 Datasheet
46Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
logo
List of Unclassifed Man...
TT2202 ETC2-TT2202 Datasheet
7Mb / 4P
TEMCo Control Transformer
TT2203 ETC2-TT2203 Datasheet
7Mb / 4P
TEMCo Control Transformer
TT2204 ETC2-TT2204 Datasheet
7Mb / 4P
TEMCo Control Transformer
More results

Similar Description - TT2274T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6065 SANYO-2SC6065 Datasheet
42Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC4460M-SV SANYO-2SC4460M-SV Datasheet
56Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC5957M SANYO-2SC5957M Datasheet
37Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6084 SANYO-2SC6084 Datasheet
51Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6083 SANYO-2SC6083 Datasheet
53Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6083A SANYO-2SC6083A Datasheet
53Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6106 SANYO-2SC6106 Datasheet
49Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
CPH3249A SANYO-CPH3249A Datasheet
54Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6112 SANYO-2SC6112 Datasheet
56Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
SPA13003 SANYO-SPA13003 Datasheet
283Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com