Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7245 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7245
Description  5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7245 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7245 Datasheet HTML 3Page - STMicroelectronics TDA7245 Datasheet HTML 4Page - STMicroelectronics TDA7245 Datasheet HTML 5Page - STMicroelectronics TDA7245 Datasheet HTML 6Page - STMicroelectronics TDA7245 Datasheet HTML 7Page - STMicroelectronics TDA7245 Datasheet HTML 8Page - STMicroelectronics TDA7245 Datasheet HTML 9Page - STMicroelectronics TDA7245 Datasheet HTML 10Page - STMicroelectronics TDA7245 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MUTING / STAND- BY
The muting function allows to inhibit the output
signal through an external control signal.
It can be used in many cases, when a temporary
inhibition of the output signal is requested, for ex-
ample:
– in switch-on condition, to avoid preamplifier
power-on transients
– during switching at the input stages
– during the receiver tuning.
The stand-by function is very useful and permits a
complete turn ON/OFF of the device through a
low power signal, which can be provided by a
µP.
Figure 17: Ipin5 (St-By) vs. Supply Voltage
Figure 19: Output Attenuation vs. Vpin5
Figure 16: Ipin4 (muting) vs. Supply Voltage
Figure 18: Quiescent Current (St-By) vs. Supply
Voltage
Figure 20: Quiescent Current vs. Vpin5
TDA7245
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com