Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7256 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7256
Description  30W BRIDGE CAR RADIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7256 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7256 Datasheet HTML 1Page - STMicroelectronics TDA7256 Datasheet HTML 2Page - STMicroelectronics TDA7256 Datasheet HTML 3Page - STMicroelectronics TDA7256 Datasheet HTML 4Page - STMicroelectronics TDA7256 Datasheet HTML 5Page - STMicroelectronics TDA7256 Datasheet HTML 6Page - STMicroelectronics TDA7256 Datasheet HTML 7Page - STMicroelectronics TDA7256 Datasheet HTML 8Page - STMicroelectronics TDA7256 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS (VS = 14.4V, RL =4
Ω, f = 1KHz; Tamb =25°C, unless otherwise
specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
8
18
V
Iq
Quiescent Drain Current
80
150
mA
Ri
Input Resistance
50
K
Ω
CMR
Common Mode Rejection
f = 1KHz, Vin = 100mV
60
dB
VOS
Output Offset Voltage
150
mV
Po
Output Power
d = 10%
RL =4
Ω
RL = 3.2
Ω
RL =2
Ω
18
22
26
30
W
W
W
d
Distortion
Po = 0.1W to 13W
0.05
0.5
%
GV
Voltage Gain (CL)
36
dB
eN
Total Input Noise Voltage
Rg = 10K
Ω, B = 22Hz to 22KHz
3
10
µV
SVR
Supply Voltage Rejection
Rg = 10K
Ω,Vr = 1Vrms,
f = 300Hz
45
60
dB
Muting Attenuation
Vref = 1Vrms,
f = 100Hz to 10KHz
60
dB
Muting-in Threshold Voltage
Pin 1
2.4
V
Muting-out Threshold Voltage
Pin 1
0.8
V
Stand-by Attenuation
Vref = 1Vrms
60
dB
Stand-by Current Consumption
100
µA
TSD
Thermal Shut-down Junction
Temperature
145
°C
Figure 1: Test and Application Circuit
TDA7256
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com