Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7266 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7266
Description  77W DUAL BRIDGE AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7266 Datasheet(HTML) 6 Page - STMicroelectronics

  TDA7266 Datasheet HTML 1Page - STMicroelectronics TDA7266 Datasheet HTML 2Page - STMicroelectronics TDA7266 Datasheet HTML 3Page - STMicroelectronics TDA7266 Datasheet HTML 4Page - STMicroelectronics TDA7266 Datasheet HTML 5Page - STMicroelectronics TDA7266 Datasheet HTML 6Page - STMicroelectronics TDA7266 Datasheet HTML 7Page - STMicroelectronics TDA7266 Datasheet HTML 8Page - STMicroelectronics TDA7266 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
0.010
0.1
1
10
0.1
1
10
V cc = 11 V
R l = 8 ohm
f = 15 K H z
f = 5 K H z
f = 1 KHz
Pou t (W )
THD (% )
Figure 4: Distortion vs Output Power
0.0 10
0.1
1
10
0.1
1
10
TH D (% )
Vcc = 9V
R l= 8 ohm
f = 1 5KHz
f = 5 K H z
f = 1 K H z
P out (W )
Figure 5: Distortion vs Output Power
0.0 10
0.1
1
10
100
1k
10k
20k
THD(%)
V cc = 11 V
Rl = 8 o hm
P ou t = 100 m W
Pou t = 2W
freque ncy (Hz)
Figure 6: Distortion vs Frequency
-5.000
-4.000
-3.000
-2.000
-1.000
0.0
1.0000
2.0000
3.0000
4.0000
5.0000
10
100
1k
10k
100k
Level(dBr)
Vcc = 11V
Rl = 8 ohm
Pout = 1W
frequency (Hz)
Figure 7: Gain vs Frequency
U
0.0
2 .0000
4 .0000
6 .0000
8 .0000
1 0.000
1 2.000
1 4.000
1 6.000
1 8.000
2 0.000
2 .000
4 .000
6 .000
8 .000
1 0.00
1 2.00
1 4.00
1 6.00
1 8.00
Po(W )
Vs(V )
d = 10%
d = 1%
Rl = 8 o hm
f = 1K H z
Figure 8: Output Power vs. Supply Voltage
00.5
11.5
22.5
33.5
44.5
55.5
66.5
77.5
8
0
1
2
3
4
5
6
7
8
0
10
20
30
40
50
60
70
80
Ptot(W)
µ(%)
2 X Pout(W)
Vcc = 11V
Rl = 8ohm (both channels)
f = 1KHz
Ptot
µ
Figure 9: Total Power Dissipation & Efficiency
vs. Output Power
TDA7266
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com