Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7266S Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7266S
Description  55W DUAL BRIDGE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7266S Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7266S Datasheet HTML 1Page - STMicroelectronics TDA7266S Datasheet HTML 2Page - STMicroelectronics TDA7266S Datasheet HTML 3Page - STMicroelectronics TDA7266S Datasheet HTML 4Page - STMicroelectronics TDA7266S Datasheet HTML 5Page - STMicroelectronics TDA7266S Datasheet HTML 6Page - STMicroelectronics TDA7266S Datasheet HTML 7Page - STMicroelectronics TDA7266S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1
2
4
Vref
ST-BY
7
IN1
C1 0.22
µF
VCC
13
3
D95AU258A
+
-
-
+
OUT1+
OUT1-
15
14
12
MUTE
6
IN2
C3 0.22
µF
+
-
-
+
OUT2+
OUT2-
8
9
S-GND
PW-GND
C5
470
µF
C6
100nF
R1 10K
C2
10
µF
µP
R2 10K
C4
1
µF
Figure 1: Microprocessor Application
ELECTRICAL CHARACTERISTICS (Continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VTST-BY
St-by Threshold
0.8
1.3
1.8
V
IST-BY
ST-BY current V6 = GND
100
µA
eN
Total Output Noise Voltage
A curve
f = 20Hz to 20kHz
150
µV
APPLICATION SUGGESTION
STAND-BY AND MUTE FUNCTIONS
(A) Microprocessor Application
In order to avoid annoying ”Pop-Noise” during
Turn-On/Off transients, it is necessary to guaran-
tee the right St-by and mute signals sequence.
It is quite simple to obtain this function using a mi-
croprocessor (Fig. 1 and 2).
At first St-by signal (from mP) goes high and the
voltage across the St-by terminal (Pin 7) starts to
increase exponentially. The external RC network
is intended to turn-on slowly the biasing circuits of
the amplifier, this to avoid ”POP” and ”CLICK” on
the outputs.
When this voltage reaches the St-by threshold
level, the amplifier is switched-on and the external
capacitors in series to the input terminals (C3,
C5) start to charge.
It’s necessary to mantain the mute signal low until
the capacitors are fully charged, this to avoid that
the device goes in play mode causing a loud ”Pop
Noise” on the speakers.
A delay of 100-200ms between St-by and mute
signals is suitable for a proper operation.
TDA7266S
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com