Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7273 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7273
Description  SINGLE CHIP STEREO CASSETTE PLAYBACK SYSTEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7273 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7273 Datasheet HTML 1Page - STMicroelectronics TDA7273 Datasheet HTML 2Page - STMicroelectronics TDA7273 Datasheet HTML 3Page - STMicroelectronics TDA7273 Datasheet HTML 4Page - STMicroelectronics TDA7273 Datasheet HTML 5Page - STMicroelectronics TDA7273 Datasheet HTML 6Page - STMicroelectronics TDA7273 Datasheet HTML 7Page - STMicroelectronics TDA7273 Datasheet HTML 8Page - STMicroelectronics TDA7273 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
°C, VS = 3V, f = 1KHz, RL =32Ω Vol. control = 2/3Vref
unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
1.8
7
V
Id
Quiescent Current
14
20
mA
Vref
Reference Voltage
1.3
1.49
1.7
V
PREAMPLIFIER SECTION
GVO
Open Loop Gain
70
dB
GV
Close Loop Gain
30
33
35
dB
Vo
Output Voltage
THD = 1%
600
850
mV
Ib
Bias Current
3
µA
THD
Total Harmonic Distortion
Vo = 330mVrms
0.05
0.25
%
Ct
Cross Talk
Rg = 2.2K
Ω;Vo = 330mVrms
74
dB
EN
Output Noise
Rg = 2.2K
Ω; BW = 22Hz to22KHz
100
µV
SVR
Ripple Rejection
Rg = 2.2K
Ω VR = 100mVrms
f = 100Hz; CSVR = 100
µF
40
50
dB
HEADPHONE DRIVER
Vo(DC)
DC Output Voltage
1.50
V
Po
Output Power
THD = 10%;
15
30
mW
Po
Transient Output Power
THD = 10% RL = 16
Ω
50
mW
GV
Close Loop Gain
Po = 5mW
28
31
34
dB
THD
Total Harmonic Distortion
Po = 5mW
0.2
1
%
Ct
Cross Talk
Rg = 10K
Ω;Po = 5mW
40
50
dB
SVR
Ripple Rejection
Vr = 100mVrms, f = 100Hz
Vol. control = 1/3Vref
CSVR = 100
µF; Rg =600Ω
47
dB
Volume Control Range
66
75
dB
PIN CONNECTION (Top view)
TDA7273
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com