Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF4350BCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4350BCPZ
Description  Wideband Synthesizer with Integrated VCO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4350BCPZ Datasheet(HTML) 3 Page - Analog Devices

  ADF4350BCPZ Datasheet HTML 1Page - Analog Devices ADF4350BCPZ Datasheet HTML 2Page - Analog Devices ADF4350BCPZ Datasheet HTML 3Page - Analog Devices ADF4350BCPZ Datasheet HTML 4Page - Analog Devices ADF4350BCPZ Datasheet HTML 5Page - Analog Devices ADF4350BCPZ Datasheet HTML 6Page - Analog Devices ADF4350BCPZ Datasheet HTML 7Page - Analog Devices ADF4350BCPZ Datasheet HTML 8Page - Analog Devices ADF4350BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADF4350
Rev. 0 | Page 3 of 28
SPECIFICATIONS
AVDD = DVDD = VVCO = SDVDD = VP = 3.3 V ± 10%; AGND = DGND = 0 V; TA = TMIN to TMAX, unless otherwise noted. Operating
temperature range is −40°C to +85°C.
Table 1.
Parameter
B Version
Unit
Conditions/Comments
Min
Typ
Max
REFIN CHARACTERISTICS
Input Frequency
10
105
MHz
For f < 10 MHz ensure slew rate > 21 V/μs
Input Sensitivity
0.7
AVDD
V p-p
Biased at AVDD/21
Input Capacitance
10
pF
Input Current
±60
μA
PHASE DETECTOR
Phase Detector Frequency2
32
MHz
CHARGE PUMP
ICP Sink/Source3
With RSET = 5.1 kΩ
High Value
5
mA
Low Value
0.312
mA
RSET Range
2.7
10
kΩ
Sink and Source Current Matching
2
%
0.5 V ≤ VCP ≤ 2.5 V
ICP vs. VCP
1.5
%
0.5 V ≤ VCP ≤ 2.5 V
ICP vs. Temperature
2
%
VCP = 2.0 V
LOGIC INPUTS
Input High Voltage, VINH
1.5
V
Input Low Voltage, VINL
0.6
V
Input Current, IINH/IINL
±1
μA
Input Capacitance, CIN
3.0
pF
LOGIC OUTPUTS
Output High Voltage, VOH
DVDD − 0.4
V
CMOS output chosen
Output High Current, IOH
500
μA
Output Low Voltage, VOL
0.4
V
IOL = 500 μA
POWER SUPPLIES
AVDD
3.0
3.6
V
DVDD, VVCO, SDVDD, VP
AVDD
These voltages must equal AVDD
DIDD + AIDD4
21
27
mA
Output Dividers
6 to 24
mA
Each output divide-by-2 consumes 6 mA
IVCO4
70
80
mA
IRFOUT4
21
26
mA
RF output stage is programmable
Low Power Sleep Mode
7
1000
μA
RF OUTPUT CHARACTERISTICS
Maximum VCO Output Frequency
4400
MHz
Minimum VCO Output Frequency
2200
MHz
Fundamental VCO mode
Minimum VCO Output Frequency
Using Dividers
137.5
MHz
2200 MHz fundamental output and divide by 16 selected
VCO Sensitivity
33
MHz/V
Frequency Pushing (Open-Loop)
1
MHz/V
Frequency Pulling (Open-Loop)
90
kHz
Into 2.00 VSWR load
Harmonic Content (Second)
−19
dBc
Fundamental VCO output
Harmonic Content (Third)
−13
dBc
Fundamental VCO output
Harmonic Content (Second)
−20
dBc
Divided VCO output
Harmonic Content (Third)
−10
dBc
Divided VCO output
Minimum RF Output Power 5
−4
dBm
Programmable in 3 dB steps
Maximum RF Output Power5
5
dBm
Output Power Variation
±1
dB
Minimum VCO Tuning Voltage
0.5
V
Maximum VCO Tuning Voltage
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com