Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7319 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7319
Description  3 BAND DIGITAL CONTROLLED AUDIO PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7319 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7319 Datasheet HTML 4Page - STMicroelectronics TDA7319 Datasheet HTML 5Page - STMicroelectronics TDA7319 Datasheet HTML 6Page - STMicroelectronics TDA7319 Datasheet HTML 7Page - STMicroelectronics TDA7319 Datasheet HTML 8Page - STMicroelectronics TDA7319 Datasheet HTML 9Page - STMicroelectronics TDA7319 Datasheet HTML 10Page - STMicroelectronics TDA7319 Datasheet HTML 11Page - STMicroelectronics TDA7319 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SDA, SCL I
2CBUS TIMING
Symbol
Parameter
Min.
Typ.
Max.
Unit
fSCL
SCL clock frequency
0
400
kHz
tBUF
Bus free time between a STOP and START condition
1.3
µs
tHD:STA
Hold time (repeated) START condition. After this period, the first
clock pulse is generated
0.6
µs
tLOW
LOW period of the SCL clock
1.3
µs
tHIGH
HIGH period of the SCL clock
0.6
µs
tSU:STA
Set-up time for a repeated START condition
0.6
µs
tHD:DA
Data hold time
0.300
µs
tSU:DAT
Data set-up time
100
ns
tR
Rise time of both SDA and SCL signals
20
300
ns (*)
tF
Fall time of both SDA and SCL signals
20
300
ns (*)
tSU:STO
Set-up time for STOP condition
0.6
µs
All values referred to VIH min. and VIL max. levels
(*) Must be guaranteed by the I
2C BUS master.
SDA
SCL
tBUF
PS
tHD;STA
tLOW
tR
tF
tHD;DAT
tSU;DAT
tHIGH
tF
Sr
P
tSU;STA
tHD;STA
tSP
tSU;STO
D95AU314
P = STOP
S = START
Definition of timing on the I
2C-bus
TDA7319
8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com