Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7346 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7346
Description  DIGITAL CONTROLLED SURROUND SOUND MATRIX
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7346 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7346 Datasheet HTML 5Page - STMicroelectronics TDA7346 Datasheet HTML 6Page - STMicroelectronics TDA7346 Datasheet HTML 7Page - STMicroelectronics TDA7346 Datasheet HTML 8Page - STMicroelectronics TDA7346 Datasheet HTML 9Page - STMicroelectronics TDA7346 Datasheet HTML 10Page - STMicroelectronics TDA7346 Datasheet HTML 11Page - STMicroelectronics TDA7346 Datasheet HTML 12Page - STMicroelectronics TDA7346 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PHASE SHIFTER 3, 4
MSB
LSB
RESISTOR VALUE (K
Ω)
C1
C0
1
M1
M0
0
0
F
0
0
12.060
1
M1
M0
0
0
F
0
1
14.450
1
M1
M0
0
0
F
1
0
18.050
1
M1
M0
0
0
F
1
1
39.100
F = 0 Phase Shifter 4
F = 1 Phase Shifter 3
PHASE SHIFTER 2
MSB
LSB
RESISTOR VALUE (K
Ω)
D1
D0
1
M1
M0
0
1000
5.640
1
M1
M0
0
1001
6.770
1
M1
M0
0
1010
8.465
1
M1
M0
0
1011
18.300
PHASE SHIFTER 1
MSB
LSB
RESISTOR VALUE (K
Ω)
E1
E0
1
M1
M0
0
1100
11.745
1
M1
M0
0
1101
14.150
1
M1
M0
0
1110
17.950
1
M1
M0
0
1111
37.625
Example: to program MOVIE MODE with EFFECT control = -7dB with PHASE SHIFTER resistor =
11.745K
Ω, PHASE SHIFTER 2 resistor = 6.77KΩ, PHASE SHIFTER 3 resistor = 12.06KΩ, PHASE
SHIFTER 4 resistor = 18.05K
Ω, you have to send in sequence5 bytes:
11010001
11001100
11001001
11000100
11000010
POWER ON RESET
INPUT ATTENUATION
-19.375dB
EFFECT CONTROL
-20dB
SURROUND MODE
OFF MODE
PHASE SHIFTER 1 RESISTOR VALUE
17.950 K
Ω
PHASE SHIFTER 2 RESISTOR VALUE
8.465 K
Ω
PHASE SHIFTER 3, 4 RESISTOR VALUE
18.050 K
Ω
TDA7346
9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com