Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAL215055152E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MAL215055152E3
Description  Aluminum Capacitors Radial Miniature, Low Impedance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215055152E3 Datasheet(HTML) 7 Page - Vishay Siliconix

  MAL215055152E3 Datasheet HTML 1Page - Vishay Siliconix MAL215055152E3 Datasheet HTML 2Page - Vishay Siliconix MAL215055152E3 Datasheet HTML 3Page - Vishay Siliconix MAL215055152E3 Datasheet HTML 4Page - Vishay Siliconix MAL215055152E3 Datasheet HTML 5Page - Vishay Siliconix MAL215055152E3 Datasheet HTML 6Page - Vishay Siliconix MAL215055152E3 Datasheet HTML 7Page - Vishay Siliconix MAL215055152E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28323
146
Revision: 29-Oct-07
150 RMI
Vishay BCcomponents
Aluminum Capacitors
Radial Miniature, Low Impedance
Table 4
Table 5
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
Ø = 8 to 12.5 mm
Ø = 16 mm and 18 mm
100
0.65
0.76
300
0.76
0.85
1000
0.85
0.91
3000
0.89
0.94
10 000
0.90
0.96
30 000
0.97
0.98
100 000
1.00
1.00
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 105 °C; UR applied;
for test duration see Table 3
Δ C/C: ± 20 %
tan
δ≤ 2 x spec. limit
IL2 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 105 °C; UR and IR applied;
for test duration see Table 3
Δ C/C: ± 30 %
tan
δ≤ 3 x spec. limit
IL2 ≤ spec. limit
no short or open circuit
total failure percentage:
≤ 1 %
Shelf life
(storage at high
temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 105 °C; no voltage applied;
1000 h
after test: UR to be applied for 30 min., 24 to 48 h
before measurement
Δ C/C: ± 20 %
tan
δ≤ 2 x spec. limit
IL2 ≤ spec. limit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com