Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7383 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7383
Description  4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7383 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7383 Datasheet HTML 4Page - STMicroelectronics TDA7383 Datasheet HTML 5Page - STMicroelectronics TDA7383 Datasheet HTML 6Page - STMicroelectronics TDA7383 Datasheet HTML 7Page - STMicroelectronics TDA7383 Datasheet HTML 8Page - STMicroelectronics TDA7383 Datasheet HTML 9Page - STMicroelectronics TDA7383 Datasheet HTML 10Page - STMicroelectronics TDA7383 Datasheet HTML 11Page - STMicroelectronics TDA7383 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
INPUT STAGE
The TDA7383’s inputs are ground-compatible and
can stand very high input signals (
± 8Vpk) without
any performances degradation.
If the standard value for the input capacitors
(0.1
µF) is adopted, the low frequency cut-off will
amount to 16 Hz.
STAND-BY AND MUTING
STAND-BY and MUTING facilities are both
CMOS-COMPATIBLE. If unused, a straight con-
nection to Vs of their respective pins would be ad-
missible. Conventional low-power transistors can
be employed to drive muting and stand-by pins in
absence of true CMOS ports or microprocessors.
R-C cells have always to be used in order to
smooth down the transitions for preventing any
audible transient noises.
Since a DC current of about 10 uA normally flows
out of pin 22, the maximum allowable muting-se-
ries resistance (R2) is 70K
Ω, which is sufficiently
high to permit a muting capacitor reasonably
small (about 1
µF).
If R2 is higher than recommended, the involved
risk will be that the voltage at pin 22 may rise to
above the 1.5 V threshold voltage and the device
will consequently fail to turn OFF when the mute
line is brought down.
About the stand-by, the time constant to be as-
signed in order to obtain a virtually pop-free tran-
sition has to be slower than 2.5V/ms.
DIAGNOSTICS FACILITY
The TDA7383 is equipped with a diagnostics cir-
cuitry able to detect the following events:
CLIPPING in the output stage
OVERHEATING
(THERMAL
SHUT-DOWN
proximity)
OUTPUT MISCONNECTIONS (OUT-GND &
OUT-Vs shorts)
Diagnostics information is available across an
open collector output located at pin 25 (fig. 12)
through a current sinking whenever at least one
of the above events is recognized.
Among them, the CLIPPING DETECTOR acts in
a way to output a signal as soon as one or more
power transistors start being saturated.
As a result, the clipping-related signal at pin 25
takes the form of pulses, which are perfectly syn-
cronized with each single clipping event in the
music program and reflect the same duration time
(fig. 13).
Applications making use of this facility
usually operate a filtering/integration of the pulses
train through passive R-C networks and realize a
volume (or tone bass) stepping down in associa-
tion with microprocessor-driven audioprocessors.
The maximum load that pin 25 can sustain is
1K
Ω.
Due to its operating principles, the clipping detec-
tor has to be viewed mainly as a power-depend-
ent feature rather than frequency-dependent.This
means that clipping state will be immediately sig-
naled out whenever a fixed power level is
reached, regardless of the audio frequency.
In other words, this feature offers the means to
counteract the extremely sound-damaging effects
of clipping, caused by a sudden increase of odd
order harmonics and appearance of serious inter-
modulation phenomena.
Another possible kind of distortion control could
be the setting of a maximum allowable THD limit
(e.g. 0.5 %) over the entire audio frequency
range. Besides offering no practical advantages,
this procedure cannot be much accurate, as the
non-clipping distortion is likely to vary over fre-
quency.
In case of OVERHEATING, pin 25 will signal out
the junction temperature proximity to the thermal
shut-down threshold. This will typically start about
2
oC before the thermal shut-down threshold is
VREF
R
Vpin 25
25
D95AU303A
Figure 12: Diagnostics circuit.
Figure 13: Clipping Detection Waveforms.
TDA7383
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com