Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7429L Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7429L
Description  3 BAND EQUALIZER AUDIO PROCESSOR WITH SUBWOOFER CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7429L Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7429L Datasheet HTML 4Page - STMicroelectronics TDA7429L Datasheet HTML 5Page - STMicroelectronics TDA7429L Datasheet HTML 6Page - STMicroelectronics TDA7429L Datasheet HTML 7Page - STMicroelectronics TDA7429L Datasheet HTML 8Page - STMicroelectronics TDA7429L Datasheet HTML 9Page - STMicroelectronics TDA7429L Datasheet HTML 10Page - STMicroelectronics TDA7429L Datasheet HTML 11Page - STMicroelectronics TDA7429L Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TDA7429L
8/16
Table 5. Function Selection
The first byte (subaddress)
MSB
LSB
SUBADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
B1
<1>
B = 1 incremental bus; active
B = 0 no incremental bus;
X2
<2>
X = indifferent 0,1
X
X
0000
INPUT ATTENUATION
B
X
X
X
0001
CONTROL OUT L+R &
SUBWOOFER
B
X
X
X
0010
NOT USED
B
X
X
X
0011
BASS & NATURAL BASE
B
X
X
X
0100
MIDDLE & TREBLE
B
X
X
X
0101
SPEAKER ATTENUATION ”L“
B
X
X
X
0111
AUX ATTENUATION ”L”
B
X
X
X
1000
AUX ATTENUATION”R”
B
X
X
X
1001
INPUT MULTIPLEXER, & AUX OUT
Table 6. Input Attenuation Selection
MSB
LSB
INPUT ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
0.5 dB STEPS
X
000
0
X
0
0
1
-0.5
X
010
-1
X
0
1
1
-1.5
X
100
-2
X
1
0
1
-2.5
X
110
-3
X
1
1
1
-3.5
4 dB STEPS
X0
0
0
0
X0
0
1
-4
X0
1
0
-8
X0
1
1
-12
X1
0
0
-16
X1
0
1
-20
X1
1
0
-24
X1
1
1
-28
INPUT ATTENUATION = 0 ~ -31.5dB
D7
D6
D5
D4
D3
D2
D1
D0
L+R OUTPUT SWITCH
X
0
(L+R) OUTPUT PIN ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com