Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7429S Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7429S
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7429S Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7429S Datasheet HTML 4Page - STMicroelectronics TDA7429S Datasheet HTML 5Page - STMicroelectronics TDA7429S Datasheet HTML 6Page - STMicroelectronics TDA7429S Datasheet HTML 7Page - STMicroelectronics TDA7429S Datasheet HTML 8Page - STMicroelectronics TDA7429S Datasheet HTML 9Page - STMicroelectronics TDA7429S Datasheet HTML 10Page - STMicroelectronics TDA7429S Datasheet HTML 11Page - STMicroelectronics TDA7429S Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SPEAKER & AUX ATTENUATORS
Crange
Control Range
79
dB
SSTEP
Step Resolution
-0.5
1
1.5
dB
EA
Attenuation set error
Av = 0 to -20dB
-1.5
0
1.5
dB
Av = -20 to -79dB
-3
0
2
dB
VDC
DC Steps
adjacent att. steps
-3
0
3
mV
AMUTE
Output Mute Condition
+70
100
dB
RVEA
Input Impedance
21
30
39
K
Ω
AUDIO OUTPUTS
NO(OFF)
Output Noise (OFF)
Output Mute, Flat
BW = 20Hz to 20KHz
4
5
µVrms
µVrms
NO(MOV)
Output Noise (Movie)
Mode =Movie ,
BW = 20Hz to 20KHz
30
µVrms
NO(MUS)
Output Noise (Music)
Mode = Music ,
BW = 20Hz to 20KHz,
30
mVrms
NO(MON)
Output Noise (Simulated)
Mode = Simulated,
BW = 20Hz to 20KHz
30
µVrms
d
Distorsion
Av = 0 ; Vin = 1Vrms
0.01
0.1
%
SC
Channel Separation
70
90
dB
VOCL
Clipping Level
d = 0.3%
2
2.5
Vrms
ROUT
Output Resistance
25
50
85
Ω
VOUT
DC Voltage Level
3.8
V
MONITOR OUTPUTS
d
Distorsion
Av = 0 ; Vin = 1Vrms
0.01
0.1
%
SC
Channel Separation
70
90
dB
VOCL
Clipping Level
d = 0.3%
2
2.5
Vrms
ROUT
Output Resistance
25
50
85
Ω
VOUT
DC Voltage Level
4.5
V
BUS INPUTS
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
IIN
Input Current
-5
+5
µA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.4
V
TDA7429S - TDA7429T
8/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com