Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7437 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7437
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7437 Datasheet HTML 5Page - STMicroelectronics TDA7437 Datasheet HTML 6Page - STMicroelectronics TDA7437 Datasheet HTML 7Page - STMicroelectronics TDA7437 Datasheet HTML 8Page - STMicroelectronics TDA7437 Datasheet HTML 9Page - STMicroelectronics TDA7437 Datasheet HTML 10Page - STMicroelectronics TDA7437 Datasheet HTML 11Page - STMicroelectronics TDA7437 Datasheet HTML 12Page - STMicroelectronics TDA7437 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
DATA BYTE SPECIFICATION
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
1000
DIFFERENTIAL
1001
STEREO 1
1010
STEREO 2
1011
STEREO 3
1100
STEREO 4
1101
MONO
X
X
X
X
0
X
X
X
DC CONNECT (1)
0
0
HALF-DIFF 0dB (*)
0
1
HALF-DIFF -6dB (*)
1
0
FULL-DIFF 0dB (**)
1
1
FULL-DIFF -6dB (**)
(*) Selected when using a 3 wires differential source (pins 5 and 13 shorted)
(**) Selected when using 4 wires differential source
(1) OUTR-INR (OUTL-INR) short circuited internally (no need external connection)
Input Selector
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
LOUDNESS STEP
0
000
00
0dB
0
000
01
1dB
0
000
10
2dB
0
000
11
3dB
0
001
00
4dB
0
001
01
5dB
0
001
10
6dB
0
001
11
7dB
0
010
00
8dB
0
010
01
9dB
0
0
1
0
1
0
10dB
0
0
1
0
1
1
11dB
0
0
1
1
0
0
12dB
0
0
1
1
0
1
13dB
0
0
1
1
1
0
14dB
0
0
1
1
1
1
15dB
0
1
0
0
0
0
16dB
0
1
0
0
0
1
17dB
0
1
0
0
1
0
18dB
0
1
0
0
1
1
19dB
0
1
0
1
0
0
20dB
1
LOUDNESS OFF
FINE VOLUME
00
0dB
01
-0.25dB
10
-0.5dB
11
-0.75dB
Loudness
TDA7437
9/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com