Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSP431 Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP431
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP431 Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP431 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ADJUSTABLE PRECISION SHUNT REGULATOR
2007-1-24
1/15
FSP431
PIN CONFIGURATION
(1) TO92-3L
(2) SOT23-3L
(Top View)
(Top View)
BLOCK DIAGRAM
SYMBOL
FEATURES
Equivalent Full-Range Temperature Coefficient :
30 ppm/℃
0.2ΩTypical Output Impedance
Sink-Current Capability :1 mA to 100 mA
Low Output Noise
Adjustable Output Voltage :Vref to 36 V
TO92-3L, SOT23-3L Package
GENERAL DESCRIPTION
The FSP431 is three-terminal adjustable shunt
regulators with specified thermal stability over
applicable automotive, commercial, and military
temperature ranges. The output voltage can be set to
any value between Vref (approximately 2.5 V) and 36 V
with two external resistors. These devices have a
typical output impedance of 0.2Ω . Active output
circuitry provides a very sharp turn-on characteristic,
making these devices excellent replacements for Zener
diodes in many applications, such as onboard
regulation, adjustable power supplies, and switching
power supplies.
CATHODE
ANODE
REF


Similar Part No. - FSP431

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP40-ZZAP070M FSP-FSP40-ZZAP070M Datasheet
75Kb / 1P
High Efficiency & Long Life
FSP40-ZZAP070MG FSP-FSP40-ZZAP070MG Datasheet
80Kb / 1P
High Efficiency & Long Life
FSP40-ZZAP1035VG FSP-FSP40-ZZAP1035VG Datasheet
159Kb / 1P
High Efficiency & Long Life
FSP40-ZZAP1070VG FSP-FSP40-ZZAP1070VG Datasheet
160Kb / 1P
High Efficiency & Long Life
FSP40-ZZAP1105VG FSP-FSP40-ZZAP1105VG Datasheet
159Kb / 1P
High Efficiency & Long Life
More results

Similar Description - FSP431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com